Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIF6B-050PA-1.27DS Datasheet(PDF) 7 Page - Hirose Electric

Part # HIF6B-050PA-1.27DS
Description  1.27mm Pitch Two-Piece Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF6B-050PA-1.27DS Datasheet(HTML) 7 Page - Hirose Electric

  HIF6B-050PA-1.27DS Datasheet HTML 1Page - Hirose Electric HIF6B-050PA-1.27DS Datasheet HTML 2Page - Hirose Electric HIF6B-050PA-1.27DS Datasheet HTML 3Page - Hirose Electric HIF6B-050PA-1.27DS Datasheet HTML 4Page - Hirose Electric HIF6B-050PA-1.27DS Datasheet HTML 5Page - Hirose Electric HIF6B-050PA-1.27DS Datasheet HTML 6Page - Hirose Electric HIF6B-050PA-1.27DS Datasheet HTML 7Page - Hirose Electric HIF6B-050PA-1.27DS Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
A122
BPCB mounting pattern
Part Number
CL No.
Unit: mm
HIF6B-20DA-1.27DS
HIF6B-26DA-1.27DS
HIF6B-32DA-1.27DS
HIF6B-34DA-1.27DS
HIF6B-40DA-1.27DS
HIF6B-50DA-1.27DS
HIF6B-52DA-1.27DS
HIF6B-60DA-1.27DS
HIF6B-68DA-1.27DS
HIF6B-80DA-1.27DS
631-0051-9
631-0052-1
631-0053-4
631-0054-7
631-0055-0
631-0056-2
631-0057-5
631-0058-8
631-0059-0
631-0060-0
20
26
32
34
40
50
52
60
68
80
30.95
34.76
38.57
39.84
43.65
50.00
51.27
56.35
61.43
69.05
20.95
24.76
28.57
29.84
33.65
40.00
41.27
46.35
51.43
59.05
11.43
15.24
19.05
20.32
24.13
30.48
31.75
36.83
41.91
49.53
18.55
22.36
26.17
27.44
31.25
37.60
38.87
43.95
49.03
56.65
Number of Contacts
A
B
C
D
E
26.67
30.48
34.29
35.56
39.37
45.72
46.99
52.07
57.15
64.77
Unit: mm
n =
Number of Contacts
2
(20, 32, 40, 52, 60, 68, 80 contacts)
*Lock pin type is
also available.
BApplication Pattern
(26, 34, 50 contacts)
Mounting hole center line
Mating Side
Mating Side
sReceptacle Right Angle Type with Mounting hole


Similar Part No. - HIF6B-050PA-1.27DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF6B-050PA-1.27DS HIROSE-HIF6B-050PA-1.27DS Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
HIF6B-050PA-1.27DSA HIROSE-HIF6B-050PA-1.27DSA Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
More results

Similar Description - HIF6B-050PA-1.27DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF6A-20DA-1.27DSAL HIROSE-HIF6A-20DA-1.27DSAL_1 Datasheet
695Kb / 18P
   1.27mm Pitch Two-Piece Connector
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
FX2C-20S-1.27DSA HIROSE-FX2C-20S-1.27DSA Datasheet
821Kb / 31P
   1.27mm Pitch Multi-function Two Piece Connector
FX2 HIROSE-FX2 Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2-100P-1.27SV71 HIROSE-FX2-100P-1.27SV71 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2B-32SA-1.27R HIROSE-FX2B-32SA-1.27R Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
List of Unclassifed Man...
FX2B-68PA-127DS ETC-FX2B-68PA-127DS Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Hirose Electric
FX2C-020S-1.27DSA HIROSE-FX2C-020S-1.27DSA_1 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Harwin Plc
P13-0123 HARWIN-P13-0123 Datasheet
60Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com