Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5033AJEDBZRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5033AJEDBZRQ1
Description  Automotive Digital-Omnipolar-Switch Hall Effect Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5033AJEDBZRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  DRV5033AJEDBZRQ1 Datasheet HTML 1Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 2Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 3Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 4Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 5Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 6Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 7Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 8Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
DRV5033-Q1
www.ti.com
SLIS164C – DECEMBER 2014 – REVISED FEBRUARY 2016
Product Folder Links: DRV5033-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
TA, MAX is 125°C for Q Grade 1 devices and 150°C for E Grade 0 devices (see )
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VCC)
VCC
VCC operating voltage
2.7
38
V
ICC
Operating supply current
VCC = 2.7 to 38 V, TA = 25°C
2.7
mA
VCC = 2.7 to 38 V, TA = TA, MAX
(1)
3
3.6
ton
Power-on time
35
50
µs
OPEN DRAIN OUTPUT (OUT)
rDS(on)
FET on-resistance
VCC = 3.3 V, IO = 10 mA, TA = 25°C
22
Ω
VCC = 3.3 V, IO = 10 mA, TA = 125°C
36
50
Ilkg(off)
Off-state leakage current
Output Hi-Z
1
µA
PROTECTION CIRCUITS
VCCR
Reverse supply voltage
–22
V
IOCP
Overcurrent protection level
OUT shorted VCC
15
30
45
mA
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN DRAIN OUTPUT (OUT)
td
Output delay time
B = BRP – 10 mT to BOP + 10 mT in 1 µs
13
25
µs
tr
Output rise time (10% to 90%)
R1 = 1 k
Ω, CO = 50 pF, VCC = 3.3 V
200
ns
tf
Output fall time (90% to 10%)
R1 = 1 k
Ω, CO = 50 pF, VCC = 3.3 V
31
ns
(1)
1 mT = 10 Gauss
(2)
Bandwidth describes the fastest changing magnetic field that can be detected and translated to the output.
(3)
|BOP| is always greater than |BRP|.
6.7 Magnetic Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT(1)
ƒBW
Bandwidth(2)
20
30
kHz
DRV5033FA: ±3.5 / ±2 mT
BOP
Operate point; see Figure 12
±1.5
±3.5
±6
mT
BRP
Release point; see Figure 12
±0.5
±2
±4
mT
Bhys
Hysteresis; Bhys = (BOP – BRP)
(3)
±1.5
mT
BO
Magnetic offset; BO = (BOP + BRP) / 2
±2.7
mT
DRV5033AJ: ±6.9 / ±3.5 mT
BOP
Operate point; see Figure 12
±3
±6.9
±12
mT
BRP
Release point; see Figure 12
±1
±3.5
±5
mT
Bhys
Hysteresis; Bhys = (BOP – BRP)
(3)
3.4
mT
BO
Magnetic offset; BO = (BOP + BRP) / 2
5.2
mT


Similar Part No. - DRV5033AJEDBZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5033AJQDBZR TI1-DRV5033AJQDBZR Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033AJQDBZT TI1-DRV5033AJQDBZT Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033AJQLPG TI1-DRV5033AJQLPG Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033AJQLPGM TI1-DRV5033AJQLPGM Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
More results

Similar Description - DRV5033AJEDBZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033-Q1 TI-DRV5033-Q1_15 Datasheet
967Kb / 26P
[Old version datasheet]   DRV5033-Q1 Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
[Old version datasheet]   DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
AH180 DIODES-AH180 Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
logo
Texas Instruments
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
logo
Honeywell Solid State E...
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
   Micropower Omnipolar Digital Hall-Effect Sensor ICs
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_13 Datasheet
142Kb / 4P
   Omnipolar Hall Effect Switch IC
logo
Diodes Incorporated
AH1913 DIODES-AH1913 Datasheet
402Kb / 10P
   ULTRA HIGH SENSITIVITY DIGITAL OMNIPOLAR HALL-EFFECT SWITCH
March 2019 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com