Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV421RTJT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV421RTJT
Description  Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV421RTJT Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV421RTJT Datasheet HTML 4Page - Texas Instruments DRV421RTJT Datasheet HTML 5Page - Texas Instruments DRV421RTJT Datasheet HTML 6Page - Texas Instruments DRV421RTJT Datasheet HTML 7Page - Texas Instruments DRV421RTJT Datasheet HTML 8Page - Texas Instruments DRV421RTJT Datasheet HTML 9Page - Texas Instruments DRV421RTJT Datasheet HTML 10Page - Texas Instruments DRV421RTJT Datasheet HTML 11Page - Texas Instruments DRV421RTJT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Negative Peak Current (mA)
-250 -225 -200 -175 -150 -125 -100
-75
-50
-25
0
0
1
2
3
4
5
D011
VDD = 5 V
VDD = 3.3 V
Positive Peak Current (mA)
0
25
50
75
100
125
150
175
200
225
250
-5
-4
-3
-2
-1
0
D012
VDD = 5 V
VDD = 3.3 V
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
D009
Frequency (kHz)
0.001
0.01
0.1
1
10
100
40
60
80
100
120
140
160
D010
GSEL[1:0]=00
GSEL[1:0]=01
GSEL[1:0]=10
GSEL[1:0]=11
Saturation Trip Level (mT)
0
10
20
30
40
50
60
D007
DC Open-Loop Gain (V/PT)
0
10
20
30
40
50
60
D008
8
DRV421
SBOS704B – MAY 2015 – REVISED MARCH 2016
www.ti.com
Product Folder Links: DRV421
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at VDD = 5 V and TA = +25°C (unless otherwise noted)
Figure 7. Fluxgate Sensor Saturation (ER Pin) Trip Level
Histogram
Figure 8. Fluxgate Sensor Front-End DC Open-Loop Gain
Histogram
Figure 9. Fluxgate Sensor Front-End DC Open-Loop Gain vs
Temperature
Figure 10. Fluxgate Sensor Front-End AC Open-Loop Gain
vs Frequency
Figure 11. Voltage Swing at ICOMPx Pins vs
Negative Peak Current
Figure 12. Voltage Swing at ICOMPx Pins vs
Positive Peak Current


Similar Part No. - DRV421RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV421 TI-DRV421 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results

Similar Description - DRV421RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
logo
Beijing Yaohuadechang E...
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
   Hall closed loop current sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com