Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1301DWV Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1301DWV
Description  Fully-Differential Isolation Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1301DWV Datasheet(HTML) 1 Page - Texas Instruments

  AMC1301DWV Datasheet HTML 1Page - Texas Instruments AMC1301DWV Datasheet HTML 2Page - Texas Instruments AMC1301DWV Datasheet HTML 3Page - Texas Instruments AMC1301DWV Datasheet HTML 4Page - Texas Instruments AMC1301DWV Datasheet HTML 5Page - Texas Instruments AMC1301DWV Datasheet HTML 6Page - Texas Instruments AMC1301DWV Datasheet HTML 7Page - Texas Instruments AMC1301DWV Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VOUTP
VOUTN
VDD2
GND2
GND1
VINN
VINP
VDD1
AMC1301
HV+
HV-
To Load
Floating
Power Supply
3.3 V or 5.0 V
RSHUNT
5.0 V
Gate
Driver
Gate
Driver
ADS7263
12-Bit ADC
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
AMC1301
SBAS667 – APRIL 2016
AMC1301 250-kHz, Fully-Differential Isolation Amplifier
1
1 Features
1
±250-mV Input Voltage Range Optimized for
Current Measurement Using Shunt Resistors
Low Offset Error and Drift:
±150 µV (Max) at 25°C, ±5 µV/°C (Max)
Fixed Gain: 8.2
Very Low Gain Error and Drift:
0.5% (Max) at 25°C, ±50 ppm/°C (Max)
Very Low Nonlinearity and Drift:
0.075% (Max), 2.4 ppm/°C
3.3-V Operation on High-Side and Low-Side
Fully Specified Over the Extended Industrial
Temperature Range
Surge Immunity: Up to 10 kV
Safety and Regulatory Approvals:
7000-VPK Reinforced Isolation per
DIN V VDE V 0884-10
5000-VRMS Isolation for 1 Minute per UL1577
CSA Component Acceptance Notice 5A,
IEC 60065 and IEC 60950-1 End Equipment
Standards
2 Applications
Shunt-Resistor-Based Current Sensing In:
Motor Controls
Green Energy
Frequency Inverters
Uninterruptible Power Supplies
Isolated Voltage Sensing In:
Frequency Inverters
Power Supplies
3 Description
The AMC1301 is a precision isolation amplifier with
an output separated from the input circuitry by an
isolation barrier that is highly resistant to magnetic
interference. This barrier is certified to provide
reinforced galvanic isolation of up to 7 kVPEAK
according to VDE-V 0884-10 and UL1577. Used in
conjunction with isolated power supplies, this device
prevents noise currents on a high common-mode
voltage line from entering the local ground and
interfering with or damaging sensitive circuitry.
The input of the AMC1301 is optimized for direct
connection to shunt resistors or other low voltage-
level signal sources. The excellent performance of
the device supports accurate current control resulting
in system-level power saving and, especially in motor
control applications, lower torque ripple.
The AMC1301 is fully specified over the extended
industrial temperature range of –40°C to +125°C and
is available in the SOIC-8 (DWV) package.
Device Information (1)
DEVICE NAME
PACKAGE
BODY SIZE
AMC1301
SOIC (8)
5.85 mm × 7.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - AMC1301DWV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1301DWV TI1-AMC1301DWV Datasheet
1Mb / 35P
[Old version datasheet]   Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
AMC1301DWVR TI1-AMC1301DWVR Datasheet
1Mb / 35P
[Old version datasheet]   Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
More results

Similar Description - AMC1301DWV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com