Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF13-15S-1.25DS Datasheet(PDF) 9 Page - Hirose Electric

Part # DF13-15S-1.25DS
Description  1.25mm Pitch Miniature Crimping Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13-15S-1.25DS Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF13-15S-1.25DS Datasheet HTML 3Page - Hirose Electric DF13-15S-1.25DS Datasheet HTML 4Page - Hirose Electric DF13-15S-1.25DS Datasheet HTML 5Page - Hirose Electric DF13-15S-1.25DS Datasheet HTML 6Page - Hirose Electric DF13-15S-1.25DS Datasheet HTML 7Page - Hirose Electric DF13-15S-1.25DS Datasheet HTML 8Page - Hirose Electric DF13-15S-1.25DS Datasheet HTML 9Page - Hirose Electric DF13-15S-1.25DS Datasheet HTML 10Page - Hirose Electric DF13-15S-1.25DS Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
B191
sCrimping Contact
SMT
(Double Row Product)
Through hole
(Single Row Product)
SMT
(Single Row Product)
Conductor Size (Wire construction)
Jacket Diameter
AWG26(7 cores./0.16mm)
AWG28(7 cores./0.127mm)
Ø0.65 to Ø1.0mm
AWG30(7 cores./0.1mm)
qApplicable Cable (Tin Plating Annealed Copper Wire)
qRecommended Cable
UL1571
qStrip Length
1.2 to 1.9mm
Part Number
CL No.
Packaging Type
Quantity
Finish
DF13-2630SCF
536-0300-5
Reel
10,000
Tin plating
DF13-2630SCFA
536-0298-5
Reel
10,000
Gold plating
Note:If other cables are used instead of the applicable cable, please contact the Hirose
sales department.
BApplicable Crimping Tool
BApplication Pattern
Type
Part Number
CL No.
Applicable Contact
Applicator
AP105-DF13-2630S
901-4531-9
DF13-2630SCF/SCFA
Press Main Unit
CM-105
901-0005-4
---------------
Manual Crimping Tool
DF13-TB2630HC
550-0256-1
DF13-2630SCF
Extraction Tool
DF-C-PO(B)
550-0179-2
DF13-2630SCF
Note 1.If a trouble has occurred due to other tools, which are not designated by Hirose,
Hirose won't guarantee any product.
Note 2.The manual crimping tool is used to sequentially cut the reel contact with carrier.


Similar Part No. - DF13-15S-1.25DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-15S-1.25C HIROSE-DF13-15S-1.25C Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
More results

Similar Description - DF13-15S-1.25DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com