Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1346745 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1346745
Description  EPDM high temperature lead wire. 150C EPDM wire is recommended for Class 130
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1346745 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1346745 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1346745 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
Description:
EPDM high temperature lead wire. 150C EPDM wire is recommended for Class 130(B) , 155(F) and also
in some 180(H) systems. It^s UL Recognized under Style 3374 as 150C-600V Appliance Wiring Material.
The CSA Listing, as a coil lead, is 125C, 600V.
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding Conductor Material
1
14
41x30
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm)
EPDM - Ethylene Propylene Diene Monomer Rubber 1.143
Overall Insulation
Overall Cabling
Overall Nominal Diameter:
4.293 mm
Mechanical Characteristics (Overall)
UL Temperature Rating:
125°C (UL AWM Style 3340), 125°C (UL AWM Style 3374), 150°C
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
UL AWM Style:
UL Style 3340 (600 V 125°C), UL Style 3374 (600 V 125°C)
UL Rating:
600 V, 150°C
CSA Rating:
600 V, 125°C
CSA Type:
CL1254
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Max. Operating Voltage - UL:
Voltage
600 V RMS (UL AWM Style 3340)
600 V RMS (UL AWM Style 3374)
Page 1 of 2
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
37114 Hook-up/Lead - UL AWM Style 3340 and 3374


Similar Part No. - 1346745

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346742 ETC2-1346742 Datasheet
101Kb / 3P
   20 AWG stranded (19x32) .037 tinned copper conductor, foam FEP insulation
More results

Similar Description - 1346745

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346633 ETC2-1346633 Datasheet
96Kb / 2P
   EPDM high temperature lead wire 150C EPDM wire is recommended for Class 130
1351267 ETC2-1351267 Datasheet
95Kb / 2P
   EPDM high temperature lead wire
logo
Belden Inc.
37501 BELDEN-37501 Datasheet
163Kb / 2P
   Lead Wire, #1 Str TC, EPDM Ins, AWM 3499
01-20-2023
37504 BELDEN-37504 Datasheet
149Kb / 2P
   Lead Wire, #4 Str TC, EPDM Ins, AWM 3499
01-20-2023
37508 BELDEN-37508 Datasheet
149Kb / 2P
   Lead Wire, #8 Str TC, EPDM Ins, AWM 3499
01-20-2023
37502 BELDEN-37502 Datasheet
149Kb / 2P
   Lead Wire, #2 Str TC, EPDM Ins, AWM 3499
01-20-2023
37506 BELDEN-37506 Datasheet
149Kb / 2P
   Lead Wire, #6 Str TC, EPDM Ins, AWM 3499
01-20-2023
37530 BELDEN-37530 Datasheet
148Kb / 2P
   Lead Wire, #3/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
37500 BELDEN-37500 Datasheet
148Kb / 2P
   Lead Wire, #2/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
37540 BELDEN-37540 Datasheet
148Kb / 2P
   Lead Wire, #4/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com