Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1346742 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1346742
Description  20 AWG stranded (19x32) .037 tinned copper conductor, foam FEP insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1346742 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1346742 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1346742 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1346742 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
20 AWG stranded (19x32) .037" tinned copper conductor, foam FEP insulation, Duobond® II (100%
coverage) plus a tinned copper braid shield (93% coverage), fluorocopolymer jacket.
Usage (Overall)
Suitable Applications:
Thin Ethernet
Physical Characteristics (Overall)
Conductor
AWG:
# Coax AWG Stranding Conductor Material Dia. (mm)
1
20
19x32
TC - Tinned Copper 0.9398
Insulation
Insulation Material:
Insulation Material
Dia. (mm)
FFEP - Foam Fluorinated Ethylene Propylene 2.413
Outer Shield
Outer Shield Material:
Layer # Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
1
Bonded Duofoil®
Tape Bonded Aluminum Foil-Polyester Tape-Aluminum Foil 100
2
Braid TC - Tinned Copper
93
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVDF - Fluorocopolymer
Overall Cabling
Overall Nominal Diameter:
4.064 mm
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +150°C
UL Temperature Rating:
150°C
Bulk Cable Weight:
37.205 Kg/Km
Max. Recommended Pulling Tension:
200.169 N
Min. Bend Radius (Install)/Minor Axis:
45.720 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMP, CL2P
CEC/C(UL) Specification:
CMP
IEEE Specification:
IEEE802.3 10Base2
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
89907 Coax - Coaxial Cable - Thinnet 10Base2 Ethernet


Similar Part No. - 1346742

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346745 ETC2-1346745 Datasheet
95Kb / 2P
   EPDM high temperature lead wire. 150C EPDM wire is recommended for Class 130
More results

Similar Description - 1346742

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28379 ETC2-28379 Datasheet
34Kb / 4P
   20 AWG stranded (19x32) .037 tinned copper conductor, foam polyethylene insulation
1682720 ETC2-1682720 Datasheet
102Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1348238 ETC2-1348238 Datasheet
99Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1748276 ETC2-1748276 Datasheet
101Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1351327 ETC2-1351327 Datasheet
99Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors
28446 ETC2-28446 Datasheet
32Kb / 3P
   RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation
9221 ETC2-9221 Datasheet
97Kb / 2P
   30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
9222 ETC2-9222 Datasheet
33Kb / 3P
   RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation, two tinned copper braid shields
1346000 ETC2-1346000 Datasheet
101Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors, twisted pairs, PVC insulation
1346631 ETC2-1346631 Datasheet
98Kb / 3P
   20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com