Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC1HA-68RD-1.27SFB Datasheet(PDF) 1 Page - Hirose Electric

Part # IC1HA-68RD-1.27SFB
Description  PC Card Socket Connector Complies with PC card Standard
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IC1HA-68RD-1.27SFB Datasheet(HTML) 1 Page - Hirose Electric

  IC1HA-68RD-1.27SFB Datasheet HTML 1Page - Hirose Electric IC1HA-68RD-1.27SFB Datasheet HTML 2Page - Hirose Electric IC1HA-68RD-1.27SFB Datasheet HTML 3Page - Hirose Electric IC1HA-68RD-1.27SFB Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A52
PC Card Socket Connector Complies with PC card Standard
IC1 Series
sFeatures
1. Compliant with PC Card Standards
Polarized entry prevents wrong insertion into a
corresponding connector. And sequential
contact engagement prevents electorostatic
discharge, avoiding possible damage to sensitive
board circuits.
2. Suited to Automatic Mounting
Packaged for a board placement with aoutmated
equipment.
3. Lead Offset
Available with several board termination
levels,to allow use of different height board
components.
In relation to the center line of connector,-
0.2mm,+0.3mm,+0.55mm,+0.9m m and
terminations on board center are available.
sMaterials
Part
Material
Finish
Remarks
Insulator
Contact
PPS
Color : Black
Contact Area : gold plating
Lead Area
: solder plating
UL94V-0
-----------------
sProduct Specifications
500 V DC
500 V AC / 1 minute
1 mA
Frequency: 10 to 2000 Hz, single amplitude of 1.52 mm or
acceleration of 147 m/s2(peak), 4 hours in each of the 3 directions.
96 hours at temperature of 40ç and humidity of 90% to 95%
-55ç, 30 min /15 to 30ç, within 5 min/85ç, 30 min
/15 to 35ç, within 5 min, for 5 cycles
10000 cycles at 400 to 600 cycles per hour
Reflow: At the recommended temperature profile
Manual soldering: 300ç for 3 seconds
1000M ohms min.
No flashover or insulation breakdown.
40 m ohms max. (initial value) (Note 3)
No electrical discontinuity of 100ns or
more
Insulation resistance: 100 M ohms min.
No damage, cracks, or parts looseness.
Change of contact resistance from the
start should be 20 m ohms max.
No deformation of components
affecting performance.
1. Insulation resistance
2. Withstanding voltage
3. Contact resistance
4. Vibration
5. Humidity (Steady state)
6. Temperature cycle
7. Durability
(Insertion/withdrawal)
8. Resistance to
soldering heat
Ratings
0.5 A
125 V AC
Current rating
Voltage rating
Operating temperature
-55ç to +85ç (Note 1)
Operating humidity
95% R.H. max.
(No condensation)
Storage temperature
-40ç to +70ç (Note 2)
Storage humidity
40% to 70% (Note 2)
Item
Specification
Conditions
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature
Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during
transportation.
IC1K,IC1HA:Phosphor bronze
Others:Beryllium copper


Similar Part No. - IC1HA-68RD-1.27SFB

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
   Data/Clock Extraction IC
logo
List of Unclassifed Man...
IC1001 ETC2-IC1001 Datasheet
193Kb / 4P
   INFRARED RECEIVER/DECODER INTEGRATED CIRCUIT
logo
RF Monolithics, Inc
IC1003 RFM-IC1003 Datasheet
572Kb / 11P
   RF Uart
logo
RFE international
IC1006 RFE-IC1006 Datasheet
117Kb / 1P
   SURFACE MOUNT INDUCTORS IC Series: Power Chokes
logo
List of Unclassifed Man...
IC101 ETC1-IC101 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
More results

Similar Description - IC1HA-68RD-1.27SFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1620 TI1-PCI1620_08 Datasheet
212Kb / 6P
[Old version datasheet]   Dual-Socket PC Card and UltraMedia Controller
logo
Cherry Semiconductor Co...
G83-6105LPQGB-0 CHERRY-G83-6105LPQGB-0 Datasheet
31Kb / 1P
   Standard PC Keyboard
logo
Texas Instruments
PCI7510 TI1-PCI7510_08 Datasheet
139Kb / 6P
[Old version datasheet]   PC Card, Smart Card
PCI1251B TI-PCI1251B Datasheet
1Mb / 126P
[Old version datasheet]   PC CARD CONTROLLER
PCI1451 TI-PCI1451 Datasheet
583Kb / 141P
[Old version datasheet]   PC Card Controller
PCI1410 TI-PCI1410 Datasheet
606Kb / 145P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1520-EP TI1-PCI1520-EP Datasheet
779Kb / 138P
[Old version datasheet]   PC Card Controllers
PCI1420PDV TI1-PCI1420PDV Datasheet
200Kb / 6P
[Old version datasheet]   PC Card Controllers
PCI1510 TI-PCI1510 Datasheet
735Kb / 128P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1420 TI-PCI1420 Datasheet
532Kb / 137P
[Old version datasheet]   PC Card Controllers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com