Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS46LR32800F-6BLA2 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS46LR32800F-6BLA2
Description  2M x 32Bits x 4Banks Mobile DDR SDRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46LR32800F-6BLA2 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS46LR32800F-6BLA2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46LR32800F-6BLA2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46LR32800F-6BLA2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46LR32800F-6BLA2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46LR32800F-6BLA2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46LR32800F-6BLA2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46LR32800F-6BLA2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46LR32800F-6BLA2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46LR32800F-6BLA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2
Rev. A | February 2013
www.issi.com - dram@issi.com
IS43/46LR32800F
Figure1: 90Ball FBGA Ball Assignment
[Top View]
VSS
DQ31
DQ16
VDD
VDDQ
DQ29
DQ18
VSSQ
VSSQ
DQ27
DQ20
VDDQ
VDDQ
DQ25
DQ22
VSSQ
VSSQ
DQS3
DQS2
VDDQ
VDD
DM3
DM2
VSS
CKE
CLK
/CAS
/RAS
A9
A11
BA0
BA1
A6
A7
A0
A1
A4
DM1
DM0
A3
VSSQ
DQS1
DQS0
VDDQ
VDDQ
DQ9
DQ6
VSSQ
VSSQ
DQ11
DQ4
VDDQ
VDDQ
DQ13
DQ2
VSSQ
VSS
DQ15
DQ0
VDD
A
1
VDDQ
DQ17
DQ19
DQ21
DQ23
NC
/WE
/CS
A10
A2
DQ7
DQ5
DQ3
DQ1
VDDQ
VSSQ
DQ30
DQ28
DQ26
DQ24
NC
/CLK
NC
A8
A5
DQ8
DQ10
DQ12
DQ14
VSSQ
B
C
D
E
F
G
H
J
K
L
M
P
R
N
2
3
4
5
6
7
8
9


Similar Part No. - IS46LR32800F-6BLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46LR32800G ISSI-IS46LR32800G Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS46LR32800G-5BLA1 ISSI-IS46LR32800G-5BLA1 Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS46LR32800G-5BLA2 ISSI-IS46LR32800G-5BLA2 Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS46LR32800G-6BLA1 ISSI-IS46LR32800G-6BLA1 Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS46LR32800G-6BLA2 ISSI-IS46LR32800G-6BLA2 Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
More results

Similar Description - IS46LR32800F-6BLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR32800G ISSI-IS43LR32800G Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
   16M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32320B ISSI-IS43LR32320B Datasheet
2Mb / 47P
   8M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32400F ISSI-IS43LR32400F Datasheet
1Mb / 42P
   1M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32200B ISSI-IS43LR32200B Datasheet
1Mb / 42P
   512K x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32160B ISSI-IS43LR32160B Datasheet
1Mb / 44P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32160C ISSI-IS43LR32160C Datasheet
1Mb / 47P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR16800F-6BLI ISSI-IS43LR16800F-6BLI Datasheet
1Mb / 42P
   2M x 16Bits x 4Banks Mobile DDR SDRAM
IS42VM32800E ISSI-IS42VM32800E Datasheet
877Kb / 33P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800K ISSI-IS42VM32800K Datasheet
919Kb / 35P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com