Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS-136 Datasheet(PDF) 1 Page - Hirose Electric

Part # MS-136
Description  Coaxial Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MS-136 Datasheet(HTML) 1 Page - Hirose Electric

  MS-136 Datasheet HTML 1Page - Hirose Electric MS-136 Datasheet HTML 2Page - Hirose Electric MS-136 Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
108
Coaxial Switches
MS-136 Series
s Features
1.Simplification of Internal Output Checks
The high frequency signal can be simply switched
by coupling or uncoupling.
2.Small, Lightweight Design
Switches are small and lightweight with a height of
3.6 mm, length of 11.5 mm, width of 4.6 mm, and
weight of 0.5 g.
3.Suited to Automatic Mounting
Embossed tape packaging permits automatic
mounting.
MS-136
Inspection Plug MS-136-C (P)
s Product Specifications
Ratings
Frequency range
Characteristic impedance
Maximum Input Power
DC to 3 GHz
50 ohms
2 W
Operating temperature range
Operating relative humidity
-30ç to +85ç
(No freezing)
90% Max.
Item
Standard
Conditions
1.Contact resistance
2.Insulation resistance
3.Withstanding voltage
4.V.S.W.R.
5.Insertion loss
6.Isolation
7.Vibration
8.Shock
9.Durability(Insertion/withdrawal)
10.Humidity
11.Temperature cycle
12.Corrosion resistance
50 m ohms max.
1000 M ohms min.
No flashover or insulation breakdown
1.3
1.4
N•C
1.35 Max.
N•O 1.7 Max.
1.4
1.8
0.3 dB
0.3 dB
N•C
0.4 dB Max.
N•O 0.6 dB Max.
0.5 dB
0.8 dB
20 dB
16 dB Min.
14 dB
70 mø or less
Contact resistance: 70 m ohms max.
Insulation resistance: 10 M ohms min.
No damage, cracks, or parts dislocation
Contact resistance: 70 m ohms max.
Insulation resistance: 1000 M ohms min.
No damage, cracks, or parts dislocation
Contact resistance: 70 m ohms max.
No serious corrosion
10 mA
100 V DC
100 V AC/one minute
DC to 1 GHz
1 to 2 GHz
2 to 3 GHz
DC to 1 GHz
1 to 2 GHz
2 to 3 GHz
DC to 1 GHz
1 to 2 GHz
2 to 3 GHz
Frequency of 10 to 55 Hz, overall amplitude of 1.5 mm
for 2 hours in each of 3 directions
Acceleration of 490 m/s2, sine half-wave waveform,
6 cycles in each of the 3 axis
5000 cycles
96 hours at temperature of 40ç and humidity of 90%
to 95%
Temperature: -35ç ¡ +5ç to +35ç ¡ +85ç ¡ +5ç to +35ç
Time: 30 ¡ 15 max. ¡ 30 ¡ 15 max. (Minutes)
5 cycles
Exposed to 5% salt water solution for 48 hours
qThe test method conforms to JIS.
qThe temperature resistance cycle, humidity resistance, and shock resistance tests are verification tests of part deterioration and
looseness, not tests to be conducted at time of switching or when conducting.
s Applications
Portable terminals and mobile wireless equipment.
No electrical discontinuity of 1µs or more
Contact resistance: 70 m ohms max.
No damage, cracks, or parts dislocation


Similar Part No. - MS-136

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-13-140 ETC2-MS-13-140 Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
MS-13-140-Y ETC2-MS-13-140-Y Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
logo
Hirose Electric
MS-138-C-1 HIROSE-MS-138-C-1 Datasheet
689Kb / 4P
   Universal Plug connectors for PDC Type Digital Cellular Phones
MS-138-C-2 HIROSE-MS-138-C-2 Datasheet
689Kb / 4P
   Universal Plug connectors for PDC Type Digital Cellular Phones
More results

Similar Description - MS-136

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MS-145 HIROSE-MS-145 Datasheet
122Kb / 6P
   Interface Coaxial Switches
logo
List of Unclassifed Man...
R591 ETC-R591 Datasheet
1Mb / 8P
   COAXIAL SUBMINIATURE MULTIPORT SWITCHES
logo
Filtronic Compound Semi...
STM2180A FILTRONIC-STM2180A Datasheet
339Kb / 2P
   SWITCHES SPDT TO MPDT, MANUAL, COAXIAL
logo
Hirose Electric
HCS2-150-F HIROSE-HCS2-150-F Datasheet
50Kb / 3P
   RF Coaxial Switches (DC to 15 GHz)
logo
Pasternack Enterprises,...
PE7102 PASTERNACK-PE7102 Datasheet
113Kb / 1P
   A/B COAXIAL SWITCHES,N FEMALE 50 OHMS
logo
Feature Integration Tec...
PE34586LF FINTEK-PE34586LF Datasheet
299Kb / 1P
   COAXIAL
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
logo
Mini-Circuits
ZHL-5W-2G MINI-ZHL-5W-2G Datasheet
175Kb / 2P
   Coaxial Amplifier
ZHL-100W-52 MINI-ZHL-100W-52 Datasheet
292Kb / 2P
   Coaxial Amplifier
logo
Omron Electronics LLC
G9YA OMRON-G9YA Datasheet
708Kb / 10P
   Coaxial Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com