Electronic Components Datasheet Search |
|
DF3AA-14S-2R26 Datasheet(PDF) 5 Page - Hirose Electric |
|
DF3AA-14S-2R26 Datasheet(HTML) 5 Page - Hirose Electric |
5 / 12 page A257 Note 1. Mark to determine the socket name Mark6: R26, Mark8: R28 This picture shows the cable assembled status. sID Socket [Specific No.]–* *, (* *) Blank : Tin plated, 100 pieces per bag (01) : Gold plated, 100 pieces per bag (20) : Tin plated, Tube packaging Part Number CL No. Number of AB Tube packaging Contacts Quantity DF3- 2S-2R26(**) 543-0078-7-** 262 190 pieces DF3- 3S-2R26(**) 543-0079-0-** 3 8 4 142 DF3- 4S-2R26(**) 543-0080-9-** 4 10 6 114 DF3- 5S-2R26(**) 543-0081-1-** 5128 094 DF3- 6S-2R26(**) 543-0082-4-** 614 10 080 DF3- 7S-2R26(**) 543-0083-7-** 716 12 070 DF3- 8S-2R26(**) 543-0084-0-** 818 14 062 DF3- 9S-2R26(**) 543-0085-2-** 920 16 056 DF3-10S-2R26(**) 543-0086-5-** 10 22 18 052 DF3-11S-2R26(**) 543-0087-8-** 11 24 20 046 DF3-12S-2R26(**) 543-0088-0-** 12 26 22 044 DF3-13S-2R26(**) 543-0089-3-** 13 28 24 040 DF3-14S-2R26(**) 543-0090-2-** 14 30 26 038 DF3-15S-2R26(**) 543-0091-5-** 15 32 28 034 Part Number CL No. Number of AB Tube packaging Contacts Quantity DF3- 2S-2R28(**) 543-0092-8-** 262 190 pieces DF3- 3S-2R28(**) 543-0093-0-** 384 142 DF3- 4S-2R28(**) 543-0094-3-** 4 10 6 114 DF3- 5S-2R28(**) 543-0095-6-** 5128 094 DF3- 6S-2R28(**) 543-0096-9-** 614 10 080 DF3- 7S-2R28(**) 543-0097-1-** 716 12 070 DF3- 8S-2R28(**) 543-0098-4-** 818 14 062 DF3- 9S-2R28(**) 543-0099-7-** 920 16 056 DF3-10S-2R28(**) 543-0100-4-** 10 22 18 052 DF3-11S-2R28(**) 543-0101-7-** 11 24 20 046 DF3-12S-2R28(**) 543-0102-0-** 12 26 22 044 DF3-13S-2R28(**) 543-0103-2-** 13 28 24 040 DF3-14S-2R28(**) 543-0104-5-** 14 30 26 038 DF3-15S-2R28(**) 543-0105-8-** 15 32 28 034 Unit: mm Unit: mm qAWG26 qAWG28 Unit: mm Note 2.The quantity for delivery of the specific No. "None" and (01) is determined per bag (100pcs.). If needed, please order the productsper bag. Note 3.If the Full automatic IDC machine to hit the DF11 single core,the (20) tube packaging specification will be applied. Note 4.Order the tube packaging product, multiplying the tube packaging quantity (pieces). sApplicable Cable Part Number Applicable Cable Jacket Diameter DF3- *S-2R26 UL1061 AWG26 (7/0.16) Ø0.9 to 1mm DF3- *S-2R28 UL1061 AWG28 (7/0.127) Ø0.9 to 1mm sApplicable ID Connection Tool Type Part Number Connection Type Remarks s Effective Harness Form 1DF11-Both ended, single ended DF11 Single Contact Punching 2DF11-DF11, Separation Connector is the Full Automatic ID Machine AM700/DF11 3DF11-DF3, Separation specification (20). s Effective Harness Length Tube packaging applied 100 to 2,000mm s Conduction Inspection Mechanism Installed DF3 DF4 Desktop ID Machine DF3(4)/ID-MO DF3 No restriction Desktop machine for small lot DF4 No restriction |
Similar Part No. - DF3AA-14S-2R26 |
|
Similar Description - DF3AA-14S-2R26 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |