Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS46LR32640A Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS46LR32640A
Description  16M x 32Bits x 4Banks Mobile DDR SDRAM
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46LR32640A Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS46LR32640A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46LR32640A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46LR32640A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46LR32640A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46LR32640A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46LR32640A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46LR32640A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46LR32640A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46LR32640A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
Rev. A | Feb 2014
www.issi.com - dram@issi.com
IS43/46LR32640A
Figure3 : Simplified State Diagram
Power
On
Precharge
All Banks
MRS
EMRS
Active
Power
Down
Deep Power
Down
Idle
All Banks
Precharged
Auto
Refresh
Row
Active
Precharge
PREALL
WRITE
WRITE A
READ
READ A
Burst
Stop
Precharge
Power
Down
DPDS
Power
Applied
DPDSX
MRS
REFA
ACT
CKEH
CKEL
REFS
REFSX
Self
Refresh
PRE
CKEL
CKEH
WRITE
READ
BST
PRE
PRE
PRE
WRITE A
WRITE
READ
READ A
READ
WRITE A
READ A
Automatic
sequence
ACT = Active
BST = Burst
CKEL = Enter Power- Down
CKEH = Exit Power-Down
DPDS = Enter Deep Power-Down
DPDSX = Exit Deep Power- Down
EMRS = Ext. Mode Reg. Set
MRS = Mode Register Set
PRE = Precharge
PREALL= Precharge All Banks
REFA = Auto Refresh
REFS = Enter Self Refresh
REFSX = Exit Self Refresh
READ = Read w/o Auto Precharge
READ A = Read with Auto Precharge
WRITE = Write w/o Auto Precharge
WRITE A = Write with Auto Precharge


Similar Part No. - IS46LR32640A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46LR32100C ISSI-IS46LR32100C Datasheet
1Mb / 42P
   JEDEC standard 1.8V power supply
IS46LR32160B ISSI-IS46LR32160B Datasheet
1Mb / 44P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS46LR32160C ISSI-IS46LR32160C Datasheet
1Mb / 47P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS46LR32200B ISSI-IS46LR32200B Datasheet
1Mb / 42P
   512K x 32Bits x 4Banks Mobile DDR SDRAM
IS46LR32320B ISSI-IS46LR32320B Datasheet
2Mb / 47P
   8M x 32Bits x 4Banks Mobile DDR SDRAM
More results

Similar Description - IS46LR32640A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR32320B ISSI-IS43LR32320B Datasheet
2Mb / 47P
   8M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32800F ISSI-IS43LR32800F Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32400F ISSI-IS43LR32400F Datasheet
1Mb / 42P
   1M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32200B ISSI-IS43LR32200B Datasheet
1Mb / 42P
   512K x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32160B ISSI-IS43LR32160B Datasheet
1Mb / 44P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32160C ISSI-IS43LR32160C Datasheet
1Mb / 47P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32800G ISSI-IS43LR32800G Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR16800F-6BLI ISSI-IS43LR16800F-6BLI Datasheet
1Mb / 42P
   2M x 16Bits x 4Banks Mobile DDR SDRAM
IS43LR16400B ISSI-IS43LR16400B Datasheet
1Mb / 42P
   1M x 16Bits x 4Banks Mobile DDR SDRAM
IS43LR16320C ISSI-IS43LR16320C Datasheet
1Mb / 45P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com