Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2646PE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PT8A2646PE
Description  PIR Sensor Light Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2646PE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PT8A2646PE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A2646PE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A2646PE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A2646PE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A2646PE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2646PE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A2646PE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A2646PE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A2646PE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0192-3
07/06/12
4
PT8A2641-2642/2645-2648
PIR Sensor Light Switch
Maximum Ratings
Recommended Operating Conditions
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
Condition
VCC
Operating Voltage
-
-
4.75
5.0
6.0
V
VIH
“H” Input Voltage
-
-
0.8
-
-
VCC
VIL
“L” Input Voltage
-
-
-
-
0.2
VCC
FSYS
System Oscillator Frequency
5V
ROSCS=430K
COSCS=180P
12.8
16
19.2
KHz
TA
Operating temperature
-
-
-20
25
70
°C
Electrical Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
Condition
VTH1
CDS “H” Transfer Voltage
5V
3.0
3.3
3.6
V
VTL1
CDS “L” Transfer Voltage
5V
0.9
1.2
1.5
V
VTH2
ZC “H” Transfer Voltage
5V
2.6
2.9
3.2
V
VTL2
ZC “L” Transfer Voltage
5V
1.1
1.4
1.7
V
VTH3
OSCS “H” Transfer Voltage
5V
2.7
3
3.3
V
VTL3
OSCS “L” Transfer Voltage
5V
0.8
1
1.2
V
VTH4
OSCD “H” Transfer Voltage
5V
2.7
3
3.3
V
VTL4
OSCD “L” Transfer Voltage
5V
0.8
1
1.2
V
I IH
High level leakage current
(ZC,CDS)
5V
VIH=4.5V
-1
-
1
A
I IL
Low level leakage current
(ZC,CDS)
5V
VIL=0.5V
-1
-
1
A
I IHRSTB
RSTB Input high level current
5V
VIH=4.5V
-1
-
-5
A
IOH
Output source current(RELAY,
TRIAC)
5V
VOH=4.5V
–6
-
-
mA
IOL
Output sink current(RELAY,
TRIAC)
5V
VOL=0.5V
15
-
-
mA
IOH
Output source
Current(CDSO,COMPO)
5V
VOH=4.5V
–5
-
-
mA
IOL
Output sink
current(CDSO,COMPO)
5V
VOL=0.5V
5
-
-
mA
Storagetemperature - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -- - - - - -- - - - - -40°
C to +125°C
SupplyVoltageto Grourd Potential (Input &VCCOnly) ----- -GND-0.5V toVcc+0.5V
SupplyVoltageto Grourd Potential (output &D/O Only)- - - - - GND -0.5V toVcc+0.5V
DC Input Voltage - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -0.5V to +6.0V
DC Output Current - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -- - - - - - - - - - - - - - - 20mA
Power Dissipation - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -500mW
Note:
Stresses
greater
than
those
listed
under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other conditions above those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions
for
extended
periods
may
affect
reliability.


Similar Part No. - PT8A2646PE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611 PERICOM-PT8A2611 Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611DE PERICOM-PT8A2611DE Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611P PERICOM-PT8A2611P Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611W PERICOM-PT8A2611W Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
More results

Similar Description - PT8A2646PE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2621 PERICOM-PT8A2621 Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2612 PERICOM-PT8A2612 Datasheet
105Kb / 12P
   PIR Sensor Light Switch Controller
logo
List of Unclassifed Man...
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
   SENSOR PIR
KC7786 ETC-KC7786 Datasheet
73Kb / 1P
   PIR Sensor Module
logo
LSI Computer Systems
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
   PIR SENSOR INTERFACE
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
   PIR SENSOR INTERFACE
logo
List of Unclassifed Man...
AM312 ETC2-AM312 Datasheet
137Kb / 1P
   MINIATURE PIR SENSOR
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
   PIR SENSOR INTERFACE
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
   PIR SENSOR INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com