Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2641PE Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PT8A2641PE
Description  PIR Sensor Light Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2641PE Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PT8A2641PE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2641PE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A2641PE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A2641PE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A2641PE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT8A2641PE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT8A2641PE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT8A2641PE Datasheet HTML 12Page - Pericom Semiconductor Corporation PT8A2641PE Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0192-3
07/06/12
11
PT8A2641-2642/2645-2648
PIR Sensor Light Switch
Mechanical Information
16-Pin DIP
SYMBOL
Min
Max
A
3.71
4.31
A1
0.51
A2
3.20
3.60
B
0.38
0.57
B1
c
0.20
0.36
D
18.80
19.20
E
6.20
6.60
E1
7.32
7.92
e
L
3.00
3.60
E2
8.40
9.00
PKG.
DIMENSIONS(MM)
1.52 BSC
2.54 BSC
Note:
1) Controlling dimensions in millimeters.
2) Ref : JEDEC MS-001D/BB


Similar Part No. - PT8A2641PE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611 PERICOM-PT8A2611 Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611DE PERICOM-PT8A2611DE Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611P PERICOM-PT8A2611P Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611W PERICOM-PT8A2611W Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
More results

Similar Description - PT8A2641PE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2621 PERICOM-PT8A2621 Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2612 PERICOM-PT8A2612 Datasheet
105Kb / 12P
   PIR Sensor Light Switch Controller
logo
List of Unclassifed Man...
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
   SENSOR PIR
KC7786 ETC-KC7786 Datasheet
73Kb / 1P
   PIR Sensor Module
logo
LSI Computer Systems
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
   PIR SENSOR INTERFACE
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
   PIR SENSOR INTERFACE
logo
List of Unclassifed Man...
AM312 ETC2-AM312 Datasheet
137Kb / 1P
   MINIATURE PIR SENSOR
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
   PIR SENSOR INTERFACE
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
   PIR SENSOR INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com