Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQ138S-M-16S-CV2 Datasheet(PDF) 2 Page - Hirose Electric

Part # MQ138S-M-16S-CV2
Description  Universal Plug connectors for PDC Type Digital Cellular Phones
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MQ138S-M-16S-CV2 Datasheet(HTML) 2 Page - Hirose Electric

  MQ138S-M-16S-CV2 Datasheet HTML 1Page - Hirose Electric MQ138S-M-16S-CV2 Datasheet HTML 2Page - Hirose Electric MQ138S-M-16S-CV2 Datasheet HTML 3Page - Hirose Electric MQ138S-M-16S-CV2 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
30 m ohms max.
1000 M ohms min.
No flashover or insulation breakdown.
No damage, cracks, or parts dislocation.
Mating : 29.4N max.
Contact resistance: 50 m ohms max.
No damage, cracks or parts dislocation.
No electrical discontinuity of 10É sec. max.
Contact resistance: 50 m ohms max.
No damage, cracks, or parts dislocation.
Contact resistance: 50 m ohms max.
Insulation resistance: 1000 M ohms min.
No damage, cracks, or parts dislocation.
Contact resistance: 50 m ohms max.
Insulation resistance: 10 M ohms min.
No damage, cracks, or parts dislocation.
Contact resistance: 50 m ohms max.
No corrosions
No deformation of the insulator parts affecting form, fit or
function.
10 mA (DC or 1000 Hz)
250 V DC
350 V AC / one minute
Pull force: 30N max.
With corresponding connector.
5000 cycles
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
2 hours, 3 axis.
Acceleration of 490 m/s2, 11 ms duration, sine half-wave
waveform, 3 cycles in each of the 3 axis.
Temperature : -55ç ➝ +5ç to +35ç ➝ +85ç ➝ +5ç to +35ç
Time (Minutes) : 30 ➝ 5 ➝ 30 ➝ 5
5 cycles
96 hours at temperature of 40ç and humidity of 90% to 95%
5% salt water solution for 48 hours
Soldering temperature: 280ç to 300ç
Recommended solder immersion time: 4 seconds max.
11. Contact resistance
12. Insulation resistance
13. Dielectric Withstanding Voltage
14. Lock Strength
15. Mating/un-mating forces
16. Durability
(mating/un-mating)
17. Vibration
18. Shock
19. Temperature cycle
10. Humidity
11. Salt Spray
12. Solderability
Rating
Current rating
1A
Voltage rating
100V AC
Operating temperature range -55ç to +80ç (Note 1)
sSpecifications
sMaterials
Characteristic
Specification
Conditions
Insulator
Female contacts
Cover
Lock Push Button
Lock spring
Polyamide
Copper alloy
Polycarbonate or ABS
Thermoplastic compound
Stainless steel
Color: Black or Brown
Gold plating
Color: Black (Note1)
Color: Light gray
-------------------
UL94V-0
-------------------
-------------------
-------------------
-------------------
Component
Material
Finish
Remarks
Note: Includes temperature rise caused by current flow.
Note1: Outer shells available in various colors. Refer to page 3.
sOrdering Information
--
- CV
S
16 (13)
M
T
MQ138
1
2
3
4
5
6
Series name
: MQ138 Series
Plug length
Blank
: Standard
T
: Thin and Short
S
: Short
Connector type
M :Universal Plug
1
2
3
Number of contact
13
Contact type
S: Female contact
Plug type
CV
: Standard type
CVR
: Reverse type
4
5
6


Similar Part No. - MQ138S-M-16S-CV2

ManufacturerPart #DatasheetDescription
logo
Zhengzhou Winsen Electr...
MQ138 WINSEN-MQ138 Datasheet
560Kb / 6P
   Gas Sensor for VOC Gas
More results

Similar Description - MQ138S-M-16S-CV2

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
BU8776KN LSI-BU8776KN Datasheet
76Kb / 2P
   PCM CODEC for Digital cellular phones
logo
Rohm
BH4128FV ROHM-BH4128FV Datasheet
106Kb / 8P
   Second Mixer IF for digital cellular phones
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
   Cellular phones
logo
OmniVision Technologies...
OV6211 OMNIVISION-OV6211 Datasheet
1Mb / 2P
   Cellular Phones
logo
Guangdong Youtai Semico...
ESD05V52D UMW-ESD05V52D Datasheet
800Kb / 3P
   Cellular phones
logo
List of Unclassifed Man...
BH7823AFVM ETC-BH7823AFVM Datasheet
52Kb / 2P
   Audio driver for cellular phones
logo
Rohm
BH6039KN ROHM-BH6039KN Datasheet
208Kb / 3P
   Power management IC for cellular phones
logo
Leshan Radio Company
LESD7D3.3T5G LRC-LESD7D3.3T5G_12 Datasheet
271Kb / 4P
   Cellular phones audio Digital cameras Portable applicationss
logo
List of Unclassifed Man...
BU8768FV ETC-BU8768FV Datasheet
75Kb / 2P
   Tone generator LSI for cellular phones
logo
Leshan Radio Company
LESD8D3.3T5G LRC-LESD8D3.3T5G Datasheet
136Kb / 4P
   ESD PROTECTION DIODE Cellular phones audio Digital cameras
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com