Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDF6-2022SCF Datasheet(PDF) 3 Page - Hirose Electric

Part # MDF6-2022SCF
Description  3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF6-2022SCF Datasheet(HTML) 3 Page - Hirose Electric

  MDF6-2022SCF Datasheet HTML 1Page - Hirose Electric MDF6-2022SCF Datasheet HTML 2Page - Hirose Electric MDF6-2022SCF Datasheet HTML 3Page - Hirose Electric MDF6-2022SCF Datasheet HTML 4Page - Hirose Electric MDF6-2022SCF Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B113
sDouble Row Socket
sSocket Crimping contact
Conductor Size (Wire construction)
Jacket Diameter
AWG #16 (26cores/0.254mm)
AWG #18 (34cores/0.18 mm)
Ø2.5 to Ø2.0mm
AWG #20 (21cores/0.18 mm)
AWG #22 (17cores/0.16 mm)
Ø1.9 to Ø1.5mm
qApplicable Cable (Tin plating Annealed Copper Wire)
Applicable Cable
Part Number
CL No.
AWG Size
Jacket Diameter
Packaging Type
Quantity
MDF6-1618SCF
547-0070-0
#16 to #18
2.5 to 2.0
Reel
5000
MDF6-1618SC
547-0071-3
Bag
100
MDF6-2022SCF
547-0072-6
#20 to #22
1.9 to 1.5
Reel
5000
MDF6-2022SC
547-0073-9
Bag
100
qRecommended Cable
qStrip Length
UL1061, UL1007
2.7 to 4.4mm
Note: If other cables are used instead of the applicable cable, please contact
Hirose sales department.
Part Number
CL No.
Number of Contacts
AB
C
MDF6- 4DS-3.5C
547-0074-1
4
10.5
8.1
3.5
MDF6- 6DS-3.5C
547-0075-4
6
14.0
11.6
7.0
MDF6- 8DS-3.5C
547-0076-7
8
17.5
15.1
10.5
MDF6-10DS-3.5C
547-0077-0
10
21.0
18.6
14.0
MDF6-12DS-3.5C
547-0078-2
12
24.5
22.1
17.5
MDF6-14DS-3.5C
547-0079-5
14
28.0
25.6
21.0
MDF6-16DS-3.5C
547-0080-4
16
31.5
29.1
24.5
MDF6-18DS-3.5C
547-0081-7
18
35.0
32.6
28.0
MDF6-20DS-3.5C
547-0082-0
20
38.5
36.1
31.5
Unit: mm
Note: A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the products per bag.
Photo: Connected State
BApplicable Crimping Tool
Type
Part Number
CL No.
Applicable Contact
Main press unit
CM105
901-0005-4
-----------------
Applicator
AP105-MDF6-1618S
901-4512-4
MDF6-1618SCF
AP105-MDF6-2022S
901-4513-7
MDF6-2022SCF
Manual Crimping Tool
MDF6-TA1618HC
550-0203-5
MDF6-1618SC
MDF6-TA2022HC
550-0204-8
MDF6-2022SC
Extraction Tool
DF-C-PO(A)
550-0170-8
MDF6-****SC(F)
Note: If any trouble has occurred due to other tools, which are not designated by Hirose, Hirose won't guarantee any products.


Similar Part No. - MDF6-2022SCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF6-2022SCF HIROSE-MDF6-2022SCF Datasheet
178Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
More results

Similar Description - MDF6-2022SCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF6 HIROSE-MDF6 Datasheet
178Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-30DS-2DSA06 HIROSE-DF11-30DS-2DSA06 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26 Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 HIROSE-DF11 Datasheet
551Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26_1 Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DP-2DSA01 HIROSE-DF11-16DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF2-2P-2.5C HIROSE-DF2-2P-2.5C Datasheet
140Kb / 4P
   2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard)
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com