Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-401RC Datasheet(PDF) 2 Page - Hirose Electric

Part # MC-401RC
Description  Coil Components (Relay Headers)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MC-401RC Datasheet(HTML) 2 Page - Hirose Electric

  MC-401RC Datasheet HTML 1Page - Hirose Electric MC-401RC Datasheet HTML 2Page - Hirose Electric MC-401RC Datasheet HTML 3Page - Hirose Electric MC-401RC Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
50
sSpecifications
2WAY 0°deg type (POWER COMBINERS AND SPLITTERS)
Part Number
Frequency
Range
(MHZ)
Phase
Difference
(deg)
above 3dB
Insertion Loss
(dB Max)
True
Insertion Loss
(dB Min)
Isolation
(dB Min)
V.S.W.R.
(Max)
Balance
Phase
(deg)
Amplitude
(dB)
Impedance
(ohms)
Weight
(g)
MC-201RC
030
~200
0
0.6
3.6
25
1.3
±3
±0.1
75
3
MC-202RC
100
~180
0
0.6
3.6
30
1.15
±3
±0.1
75
3
MC-201R
030
~200
0
0.6
3.6
25
1.3
±3
±0.1
50
3
3WAY 0°deg type (POWER COMBINERS AND SPLITTERS)
Part Number
Frequency
Range
(MHZ)
Phase
Difference
(deg)
above 3dB
Insertion Loss
(dB Max)
True
Insertion Loss
(dB Min)
Isolation
(dB Min)
V.S.W.R.
(Max)
Balance
Phase
(deg)
Amplitude
(dB)
Impedance
(ohms)
Weight
(g)
MC-301RC
040~160
0
0.7
5.5
25
1.3
±3
±0.2
75
3
MC-302RC
100~180
0
0.7
5.5
25
1.2
±3
±0.2
75
3
4WAY 0° deg type (POWER COMBINERS AND SPLITTERS)
Part Number
Frequency
Range
(MHZ)
Phase
Difference
(deg)
above 3dB
Insertion Loss
(dB Max)
True
Insertion Loss
(dB Min)
Isolation
(dB Min)
V.S.W.R.
(Max)
Balance
Phase
(deg)
Amplitude
(dB)
Impedance
(ohms)
Weight
(g)
MC-401RC
40~180
0
0.8
6.8
20
1.3
±3
±0.2
75
3
2WAY 90° deg type (POWER COMBINERS AND SPLITTERS)
Part Number
Frequency
Range
(MHZ)
Phase
Difference
(deg)
π above 3dB
Insertion Loss
(dB Max)
True
Insertion Loss
(dB Min)
Isolation
(dB Min)
V.S.W.R.
(Max)
Balance
Phase
(deg)
Amplitude
(dB)
Impedance
(ohms)
Weight
(g)
MC-212RC
050~950
_90
0.6
3.85
25
1.2
±3
±0.5
75
3
MC-211RC
110~170
_90
0.7
3.85
25
1.2
±3
±0.5
75
3
MC-213RC
100~120
_90
0.7
3.85
20
1.2
±3
±0.5
75
3
MC-215RC
120~140
_90
0.7
3.85
20
1.2
±3
±0.5
75
3
MC-216RC
140~160
_90
0.7
3.85
20
1.2
±3
±0.5
75
3
MC-214RC
160~180
_90
0.8
3.95
20
1.2
±3
±0.5
75
3
MC-212R
050~950
_90
0.6
3.85
25
1.2
±3
±0.5
50
3
MC-213R
110~170
_90
0.7
3.85
25
1.2
±3
±0.5
50
3
π
The insertion loss of the 2-way 90° type is the average output of the 0° port and the -90° port minus 3 dB coupling.


Similar Part No. - MC-401RC

ManufacturerPart #DatasheetDescription
logo
Epson Company
MC-405 EPSON-MC-405 Datasheet
54Kb / 1P
   SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
logo
List of Unclassifed Man...
MC-405 ETC2-MC-405 Datasheet
173Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-405 EPSONTOYOCOM-MC-405 Datasheet
354Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
MC-405 EPSONTOYOCOM-MC-405 Datasheet
189Kb / 1P
   kHz RANGE CRYSTAL UNIT SMD
logo
List of Unclassifed Man...
MC-405 ETC1-MC-405 Datasheet
261Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
More results

Similar Description - MC-401RC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MC-200SC HIROSE-MC-200SC Datasheet
121Kb / 3P
   Coil Components (SMD)
MC-600R HIROSE-MC-600R Datasheet
73Kb / 3P
   Double Balanced Mixers (Relay Headers)
logo
Adam Technologies, Inc.
RCS-1C-12 ADAM-TECH-RCS-1C-12 Datasheet
91Kb / 1P
   RELAY 1C 12VDC COIL
logo
Fairchild Semiconductor
FAN3241 FAIRCHILD-FAN3241 Datasheet
1Mb / 19P
   Smart Dual-Coil Relay Drivers
logo
CIT Relay & Switch
L115F1 CIT-L115F1 Datasheet
128Kb / 3P
   Single coil latching power relay
logo
ON Semiconductor
FAN3240 ONSEMI-FAN3240 Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
logo
Tyco Electronics
T9C MACOM-T9C Datasheet
133Kb / 3P
   Power Relay T9C AC coil
logo
CIT Relay & Switch
L115F2 CIT-L115F2 Datasheet
107Kb / 3P
   Single coil latching power relay
logo
Dubilier
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
   FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
DBCIDCB10S04AG1 DUBILIER-DBCIDCB10S04AG1 Datasheet
132Kb / 1P
   FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com