Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-401RC Datasheet(PDF) 1 Page - Hirose Electric

Part # MC-401RC
Description  Coil Components (Relay Headers)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MC-401RC Datasheet(HTML) 1 Page - Hirose Electric

  MC-401RC Datasheet HTML 1Page - Hirose Electric MC-401RC Datasheet HTML 2Page - Hirose Electric MC-401RC Datasheet HTML 3Page - Hirose Electric MC-401RC Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
49
Coil Components (Relay Headers)
MC-R and MC-RC Series
sMaterials
sOrdering Information
Part
Material
Finish
Board
Iron
Nickel plating
Contacts
Hermetic seal
Glass
----------
Iron-nickel alloy
Solder dip
MC - 2 0 1 R C
Series Name: MC
Number of Divisions
Indicated by number of divisions of output.
Phase Difference
Indicated by phase difference of output.
0 : 0
°
1 : 90
°
Suffix
Form of Case
R: Relay header
Characteristic Impedance
C : 75
ø
Blank : 50
ø
sFeatures
1.Excellent High Frequency Characteristics
The use of coils made with a special winding
method based on a lumped-constant design
provide a high degree of matching, low loss, and
high isolation.
2.Highly Reliable Design
The metal case is designed with a hermetically sealed
construction which contains inert gas. This permits
quality to be maintained over a long period.
3.Easy Soldering
The pre-soldering leads give easy soldering operations.
4.Prevention of Flux Creepage
Use of the supplied Teflon sheet permits the prevention
of solder flux creepage.
Item
Conditions
Standard
sProduct Specifications
Ratings
-10
ç to +65ç
95% Max.
Operating temperature range
Operating relative humidity
30 to 200 MHz
50 ohms, 75 ohms
0.5 W
Frequency range (Note)
Characteristic impedance (Note)
Maximum Input Power
1.Vibration
Frequency of 10 to 2000 Hz, overall amplitude of 1.5 mm,
acceleration of 98 m/s2 for 4 hours in each of 3 directions
No damage, cracks, or parts dislocation
2.Shock
Acceleration of 294 m/s2, sine half-wave waveform, 3 cycles in each of the 3 axis
3.Temperature cycle
Temperature: -35
ç ¡ +5ç to +35ç ¡ +85ç ¡ +5ç to +35ç
Time: 30 ¡ 15 max. ¡ 30 ¡ 15 max. (Minutes)
5 cycles
qThe test method conforms to MIL-STD-202.
Note: The frequency range and the characteristic impedance will differ depending on the products.
1
2
3
4
5
6
1
2
3
4
5
6
sExternal Dimensions
75 ohms Type (MC-RC Series)
50 ohms Type (MC-R Series)
MC-201RC
MC-202RC
MC-301RC
MC-212RC
MC-211RC
MC-213RC
MC-216RC
MC-214RC
MC-201R
MC-212R
MC-213R
sFunction Diagram
Teflon sheet (t=0.2)
Green hermetic seal
2, 3, 4, 5, and 6 are ground
3, 4, 7, and 8 are ground
3, 4, 7, and 8 are ground
3, 4, and 7 are ground


Similar Part No. - MC-401RC

ManufacturerPart #DatasheetDescription
logo
Epson Company
MC-405 EPSON-MC-405 Datasheet
54Kb / 1P
   SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
logo
List of Unclassifed Man...
MC-405 ETC2-MC-405 Datasheet
173Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-405 EPSONTOYOCOM-MC-405 Datasheet
354Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
MC-405 EPSONTOYOCOM-MC-405 Datasheet
189Kb / 1P
   kHz RANGE CRYSTAL UNIT SMD
logo
List of Unclassifed Man...
MC-405 ETC1-MC-405 Datasheet
261Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
More results

Similar Description - MC-401RC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MC-200SC HIROSE-MC-200SC Datasheet
121Kb / 3P
   Coil Components (SMD)
MC-600R HIROSE-MC-600R Datasheet
73Kb / 3P
   Double Balanced Mixers (Relay Headers)
logo
Adam Technologies, Inc.
RCS-1C-12 ADAM-TECH-RCS-1C-12 Datasheet
91Kb / 1P
   RELAY 1C 12VDC COIL
logo
Fairchild Semiconductor
FAN3241 FAIRCHILD-FAN3241 Datasheet
1Mb / 19P
   Smart Dual-Coil Relay Drivers
logo
CIT Relay & Switch
L115F1 CIT-L115F1 Datasheet
128Kb / 3P
   Single coil latching power relay
logo
ON Semiconductor
FAN3240 ONSEMI-FAN3240 Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
logo
Tyco Electronics
T9C MACOM-T9C Datasheet
133Kb / 3P
   Power Relay T9C AC coil
logo
CIT Relay & Switch
L115F2 CIT-L115F2 Datasheet
107Kb / 3P
   Single coil latching power relay
logo
Dubilier
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
   FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
DBCIDCB10S04AG1 DUBILIER-DBCIDCB10S04AG1 Datasheet
132Kb / 1P
   FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com