Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12041CIMSA Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12041CIMSA
Description  12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12041CIMSA Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12041CIMSA Datasheet HTML 1Page - National Semiconductor (TI) ADC12041CIMSA Datasheet HTML 2Page - National Semiconductor (TI) ADC12041CIMSA Datasheet HTML 3Page - National Semiconductor (TI) ADC12041CIMSA Datasheet HTML 4Page - National Semiconductor (TI) ADC12041CIMSA Datasheet HTML 5Page - National Semiconductor (TI) ADC12041CIMSA Datasheet HTML 6Page - National Semiconductor (TI) ADC12041CIMSA Datasheet HTML 7Page - National Semiconductor (TI) ADC12041CIMSA Datasheet HTML 8Page - National Semiconductor (TI) ADC12041CIMSA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Pin Descriptions
PLCC and
Pin
SSOP Pkg.
Name
Description
Pin Number
5
6
V
IN+
V
IN
The analog ADC inputs. V
IN+ is the non-inverting (positive) input and VIN− is the inverting (negative)
input into the ADC.
10
V
REF+
Positive reference input. The operating voltage range for this input is 1V
≤ V
REF+ ≤ VA+ (see Figure
3 and Figure 4). This pin should be bypassed to AGND at least with a parallel combination of a 10
µF and a 0.1 µF (ceramic) capacitor. The capacitors should be placed as close to the part as
possible.
9V
REF
Negative reference input. The operating voltage range for this input is 0V
≤ V
REF− ≤ VREF+ −1 (see
Figure 3 and Figure 4). This pin should be bypassed to AGND at least with a parallel combination of
a 10 µF and a 0.1 µF (ceramic) capacitor. The capacitors should be placed as close to the part as
possible.
4
WMODE
The logic state of this pin at power-up determines which edge of the write signal (WR ) will latch in
data from the data bus. If tied low, the ADC12041 will latch in data on the rising edge of the WR
signal. If tied to a logic high, data will be latched in on the falling edge of the WR signal. The state of
this pin should not be changed after power-up.
27
SYNC
The SYNC pin can be programmed as an input or an output. The Configuration register’s bit b4
controls the function of this pin. When programmed as an input pin (b4 = 1), a rising edge on this
pin causes the ADC’s sample-and-hold to hold the analog input signal and begin conversion. When
programmed as an output pin (b4 = 0), the SYNC pin goes high when a conversion begins and
returns low when completed.
12–20
23–26
D0–D8
D9–D12
13-bit Data bus of the ADC12041. D12 is the most significant bit and D0 is the least significant. The
BW(bus width) bit of the Configuration register (b3) selects between an 8-bit or 13-bit data bus width.
When the BW bit is cleared (BW = 0), D7–D0 are active and D12–D8 are always in TRI-STATE® .
When the BW bit is set (BW = 1), D12–D0 are active.
28
CLK
The clock input pin used to drive the ADC12041. The operating range is 0.05 MHz to 12 MHz.
1WR
WR is the active low WRITE control input pin. A logic low on this pin and the CS will enable the
input buffers of the data pins D12–D0. The signal at this pin is used by the ADC12041 to latch in
data on D12–D0. The sense of the WMODE pin at power-up will determine which edge of the WR
signal the ADC12041 will latch in data. See WMODE pin description.
2RD
RD is the active low read control input pin. A logic low on this pin and CS will enable the active
output buffers to drive the data bus.
3CS
CS is the active low Chip Select input pin. Used in conjunction with the WR and RD signals to
control the active data bus input/output buffers of the data bus.
11
RDY
RDY is an active low output pin. The signal at this pin indicates when a requested function has
begun or ended. Refer to section Functional Description and the digital timing diagrams for more
detail.
7V
A+
Analog supply input pin. The device operating supply voltage range is +5V ± 10%. Accuracy is
guaranteed only if the V
A+ and VD+ are connected to the same potential. This pin should be
bypassed to AGND with a parallel combination of a 10 µF and a 0.1 µF (ceramic) capacitor. The
capacitors should be placed as close to the supply pins of the part as possible.
8
AGND
Analog ground pin. This is the device’s analog supply ground connection. It should be connected
through a low resistance and low inductance ground return to the system power supply.
21
V
D+
Digital supply input pins. The device operating supply voltage range is +5V ± 10%. Accuracy is
guaranteed only if the V
A+ and VD+ are connected to the same potential. This pin should be
bypassed to DGND with a parallel combination of a 10 µF and a 0.1 µF (ceramic) capacitor. The
capacitors should be placed as close to the supply pins of the part as possible.
22
DGND
Digital ground pin. This is the device’s digital supply ground connection. It should be connected
through a low resistance and low inductance ground return to the system power supply.
www.national.com
3


Similar Part No. - ADC12041CIMSA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12040 NSC-ADC12040 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC12041CIMSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12048 TI1-ADC12048 Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048 NSC-ADC12048 Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADC12048 TI1-ADC12048_14 Datasheet
1Mb / 37P
[Old version datasheet]   ADC12048 12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048 NSC-ADC12048_02 Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
logo
Texas Instruments
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
[Old version datasheet]   12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
PCM4202-EP TI-PCM4202-EP_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
JUNE 2007
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com