Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC11SA-BUR-EJR Datasheet(PDF) 5 Page - Hirose Electric

Part # IC11SA-BUR-EJR
Description  Single Slot SMT Connectors For Card-Bus Based PC Cards
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IC11SA-BUR-EJR Datasheet(HTML) 5 Page - Hirose Electric

  IC11SA-BUR-EJR Datasheet HTML 1Page - Hirose Electric IC11SA-BUR-EJR Datasheet HTML 2Page - Hirose Electric IC11SA-BUR-EJR Datasheet HTML 3Page - Hirose Electric IC11SA-BUR-EJR Datasheet HTML 4Page - Hirose Electric IC11SA-BUR-EJR Datasheet HTML 5Page - Hirose Electric IC11SA-BUR-EJR Datasheet HTML 6Page - Hirose Electric IC11SA-BUR-EJR Datasheet HTML 7Page - Hirose Electric IC11SA-BUR-EJR Datasheet HTML 8Page - Hirose Electric IC11SA-BUR-EJR Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
A6
Note.1) This figure illustrates grouping of SMT unit() and guide unit() together.
Note.2) Dimensions for card fitting are in accordance with "PC Card Standard".
Note.3) Indicated dimensions are symmetrical to the center of the card insertion slot.
sStandard
Left rigid button type
Standoff
type
none
2.2mm
640-1008-6
640-1010-8
IC11S-68PL-1.27SF-EJL
IC11SA-68PL-1.27SF-EJL
640-1072-5
640-1074-0
IC11S-BD-EJL
IC11SA-BD-EJL
3
5.2
5.6
7.8
0.1
2.3
12.7
13.1
SMT unit
CL No.
Part Number
Guide unit
A
(mm)
B
(mm)
C
(mm)
Weight
(g)
CL No.
Part Number
No.1
No.35
No.36
No.2
No.34
No.68
eject metal fittings movable range
SMT unit (
)
1
guide unit (
)
2
GND
No.1
No.36
No.2
No.35
59
No.34
No.68
GND
P= 0.635
42.545
59.5
34.4MAX
6
( 34.9 )
C
A
54.9
3
3
3


Similar Part No. - IC11SA-BUR-EJR

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
   Data/Clock Extraction IC
logo
List of Unclassifed Man...
IC1001 ETC2-IC1001 Datasheet
193Kb / 4P
   INFRARED RECEIVER/DECODER INTEGRATED CIRCUIT
logo
RF Monolithics, Inc
IC1003 RFM-IC1003 Datasheet
572Kb / 11P
   RF Uart
logo
RFE international
IC1006 RFE-IC1006 Datasheet
117Kb / 1P
   SURFACE MOUNT INDUCTORS IC Series: Power Chokes
logo
List of Unclassifed Man...
IC101 ETC1-IC101 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
More results

Similar Description - IC11SA-BUR-EJR

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IC13T-68D-FEJ HIROSE-IC13T-68D-FEJ Datasheet
216Kb / 8P
   FPC Connectors for CardBus PC Cards
logo
Contec Co., Ltd
EADBE CONTEC-EADBE Datasheet
152Kb / 2P
   PCI Bus Expansion Adapter for PCI Bus PC-Slot
logo
Nuvotem Talema
PCL-100A TALEMA-PCL-100A Datasheet
57Kb / 2P
   10/100 Base-T Single Port Transformer Modules for PC Cards
logo
Hirose Electric
IC7-68PD-1.27DS-EJL HIROSE-IC7-68PD-1.27DS-EJL Datasheet
189Kb / 6P
   Single Slot Connector for PC Card Type III
logo
List of Unclassifed Man...
C518 ETC2-C518 Datasheet
239Kb / 1P
   PCI-based Serial Communications Cards
logo
NEC
AS6133 NEC-AS6133 Datasheet
509Kb / 15P
   For PC-9800 (MS-DOS-TM Based), For IBM PC/ATTM (PC DOS-TM Based)
logo
ALPS ELECTRIC CO.,LTD.
SCAK ALPS-SCAK Datasheet
493Kb / 3P
   Connector for Connection with PC Cards Supporting CardBus
logo
Banner Engineering Corp...
45SD BANNER-45SD Datasheet
185Kb / 6P
   45SD Series Bus Expansion Cards
logo
Advantech Co., Ltd.
ADAM-5510 ADVANTECH-ADAM-5510 Datasheet
611Kb / 2P
   4-slot PC-based Controller with Ethernet
ADAM-5510E ADVANTECH-ADAM-5510E Datasheet
611Kb / 2P
   4-slot PC-based Controller with RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com