Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS46LR16200C-6BLA2 Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS46LR16200C-6BLA2
Description  JEDEC standard 1.8V power supply
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46LR16200C-6BLA2 Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS46LR16200C-6BLA2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA2 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA2 Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
Rev. A | March 2013
www.issi.com - dram@issi.com
IS43LR16200C
Figure5 : Extended Mode Set (EMRS) Register
Extended Mode Register (Ex)
Address Bus
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
BA
E2
E1
E0
Self Refresh Coverage
0
0
0
All Banks
0
0
1
One Bank (BA=0)
0
1
0
Reserved
0
1
1
Reserved
1
0
0
Reserved
1
0
1
Half of One Bank (BA=0, Row Address MSB=0)
1
1
0
Quarter of One Bank (BA=0, Row Address 2 MSB=0)
1
1
1
Reserved
Note: E11(BA) must be set to “1” to select Extended Mode Register (vs. the base Mode Register)
E6
E5
Driver Strength
0
0
Full Strength
0
1
1/2 Strength
1
0
1/4 Strength
1
1
1/8 Strength
11
10
9
8
7
6
5
4
3
2
1
0
1
0
0
0
0
DS
0
0
PASR


Similar Part No. - IS46LR16200C-6BLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46LR16160F ISSI-IS46LR16160F Datasheet
1Mb / 45P
   Fully differential clock inputs
IS46LR16160G ISSI-IS46LR16160G Datasheet
1Mb / 45P
   Fully differential clock inputs
IS46LR16320B-6BLA1 ISSI-IS46LR16320B-6BLA1 Datasheet
2Mb / 42P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
IS46LR16320B-6BLA2 ISSI-IS46LR16320B-6BLA2 Datasheet
2Mb / 42P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
IS46LR16320C ISSI-IS46LR16320C Datasheet
1Mb / 45P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
More results

Similar Description - IS46LR16200C-6BLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR32100C ISSI-IS43LR32100C Datasheet
1Mb / 42P
   JEDEC standard 1.8V power supply
logo
Elite Semiconductor Mem...
M12L2561616A-2S ESMT-M12L2561616A-2S Datasheet
917Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A2E ESMT-M12L128324A2E Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L16161A-2Q ESMT-M12L16161A-2Q Datasheet
712Kb / 28P
   JEDEC standard 3.3V power supply
M12L64164A-2Y ESMT-M12L64164A-2Y Datasheet
1Mb / 45P
   JEDEC standard 3.3V power supply
M12L64322A-2U ESMT-M12L64322A-2U Datasheet
811Kb / 46P
   JEDEC standard 3.3V power supply
M12L128324A-2E ESMT-M12L128324A-2E Datasheet
890Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A2K ESMT-M12L2561616A2K Datasheet
933Kb / 45P
   JEDEC standard 3.3V power supply
M12L128324A-2M ESMT-M12L128324A-2M Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com