Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS46LR16200C-6BLA1 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS46LR16200C-6BLA1
Description  JEDEC standard 1.8V power supply
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46LR16200C-6BLA1 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS46LR16200C-6BLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
Rev. A | March 2013
www.issi.com - dram@issi.com
IS43LR16200C
Table3 : Burst Definition
Burst Length
Starting Column Address
Order of Access within a Burst
A3
A2
A1
A0
Sequential Mode
Interleave Mode
2
x
x
x
0
0-1
0-1
x
x
x
1
1-0
1-0
4
x
x
0
0
0-1-2-3
0-1-2-3
x
x
0
1
1-2-3-0
1-0-3-2
x
x
1
0
2-3-0-1
2-3-0-1
x
x
1
1
3-0-1-2
3-2-1-0
8
x
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
x
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
x
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
x
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
x
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
x
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
x
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
x
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
16
0
0
0
0
0-1-2-3-4-5-6-7-8-9-10-11-12-13-14-15
0-1-2-3-4-5-6-7-8-9-10-11-12-13-14-15
0
0
0
1
1-2-3-4-5-6-7-8-9-10-11-12-13-14-15-0
1-0-3-2-5-4-7-6-9-8-11-10-13-12-15-14
0
0
1
0
2-3-4-5-6-7-8-9-10-11-12-13-14-15-0-1
2-3-0-1-6-7-4-5-10-11-8-9-14-15-12-13
0
0
1
1
3-4-5-6-7-8-9-10-11-12-13-14-15-0-1-2
3-2-1-0-7-6-5-4-11-10-9-8-15-14-13-12
0
1
0
0
4-5-6-7-8-9-10-11-12-13-14-15-0-1-2-3
4-5-6-7-0-1-2-3-12-13-14-15-8-9-10-11
0
1
0
1
5-6-7-8-9-10-11-12-13-14-15-0-1-2-3-4
5-4-7-6-1-0-3-2-13-12-15-14-9-8-11-10
0
1
1
0
6-7-8-9-10-11-12-13-14-15-0-1-2-3-4-5
6-7-4-5-2-3-0-1-14-15-12-13-10-11-8-9
0
1
1
1
7-8-9-10-11-12-13-14-15-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0-15-14-13-12-11-10-9-8
1
0
0
0
8-9-10-11-12-13-14-15-0-1-2-3-4-5-6-7
8-9-10-11-12-13-14-15-0-1-2-3-4-5-6-7
1
0
0
1
9-10-11-12-13-14-15-0-1-2-3-4-5-6-7-8
9-8-11-10-13-12-15-14-1-0-3-2-5-4-7-6
1
0
1
0
10-11-12-13-14-15-0-1-2-3-4-5-6-7-8-9
10-11-8-9-14-15-12-13-2-3-0-1-6-7-4-5
1
0
1
1
11-12-13-14-15-0-1-2-3-4-5-6-7-8-9-10
11-10-9-8-15-14-13-12-3-2-1-0-7-6-5-4
1
1
0
0
12-13-14-15-0-1-2-3-4-5-6-7-8-9-10-11
12-13-14-15-8-9-10-11-4-5-6-7-0-1-2-3
1
1
0
1
13-14-15-0-1-2-3-4-5-6-7-8-9-10-11-12
13-12-15-14-9-8-11-10-5-4-7-6-1-0-3-2
1
1
1
0
14-15-0-1-2-3-4-5-6-7-8-9-10-11-12-13
14-15-12-13-10-11-8-9-6-7-4-5-2-3-0-1
1
1
1
1
15-0-1-2-3-4-5-6-7-8-9-10-11-12-13-14
15-14-13-12-11-10-9-8-7-6-5-4-3-2-1-0
Note :
1. For a burst length of two, A1-A8 select the block of two burst; A0 selects the starting column within the block.
2. For a burst length of four, A2-A8 select the block of four burst; A0-A1 select the starting column within the block.
3. For a burst length of eight, A3-A8 select the block of eight burst; A0-A2 select the starting column within the block.
4. For a burst length of sixteen, A4-A8 select the block of eight burst; A0-A3 select the starting column within the block.
5. Whenever a boundary of the block is reached within a given sequence above, the following access wraps within the block.


Similar Part No. - IS46LR16200C-6BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46LR16160F ISSI-IS46LR16160F Datasheet
1Mb / 45P
   Fully differential clock inputs
IS46LR16160G ISSI-IS46LR16160G Datasheet
1Mb / 45P
   Fully differential clock inputs
IS46LR16320B-6BLA1 ISSI-IS46LR16320B-6BLA1 Datasheet
2Mb / 42P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
IS46LR16320B-6BLA2 ISSI-IS46LR16320B-6BLA2 Datasheet
2Mb / 42P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
IS46LR16320C ISSI-IS46LR16320C Datasheet
1Mb / 45P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
More results

Similar Description - IS46LR16200C-6BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR32100C ISSI-IS43LR32100C Datasheet
1Mb / 42P
   JEDEC standard 1.8V power supply
logo
Elite Semiconductor Mem...
M12L2561616A-2S ESMT-M12L2561616A-2S Datasheet
917Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A2E ESMT-M12L128324A2E Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L16161A-2Q ESMT-M12L16161A-2Q Datasheet
712Kb / 28P
   JEDEC standard 3.3V power supply
M12L64164A-2Y ESMT-M12L64164A-2Y Datasheet
1Mb / 45P
   JEDEC standard 3.3V power supply
M12L64322A-2U ESMT-M12L64322A-2U Datasheet
811Kb / 46P
   JEDEC standard 3.3V power supply
M12L128324A-2E ESMT-M12L128324A-2E Datasheet
890Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A2K ESMT-M12L2561616A2K Datasheet
933Kb / 45P
   JEDEC standard 3.3V power supply
M12L128324A-2M ESMT-M12L128324A-2M Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com