Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3VDP1430 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3VDP1430
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP1430 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3VDP1430 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
2
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
TMDS In/Out Pin Assignment
Pin # Pin Name
Type
Description
4
D2P
I
Input Port. TMDS Clock and Data Input pins. When Input Termination
Resistor (Rt = 50 Ohm) tied to VDD or GND, Rpd=200 kOhm shall be
"OFF" state.
I2C registers can control Rt and Rpd ON/OFF state.
5
D2N
I
7
D1P
I
8
D1N
I
9
D0P
I
10
D0N
I
12
CLKP
I
13
CLKN
I
25
CLKN2
O
Output Port 1. TMDS Clock and Data Output pins. ROUT_SEL pin en-
ables Output Termination Resistor (Rout=50 Ohm).
26
CLKP2
O
28
D0N2
O
29
D0P2
O
31
D1N2
O
32
D1P2
O
34
D2N2
O
35
D2P2
O
37
CLKN1
O
Output Port 2. TMDS Clock and Data Output pins. ROUT_SEL pin en-
ables Output Termination Resistor (Rout=50 Ohm).
38
CLKP1
O
40
D0N1
O
41
D0P1
O
43
D1N1
O
44
D1P1
O
46
D2N1
O
47
D2P1
O
Note: In TMDS Data and Clock Differential Pair, the polarity +/- (or P/N) of each pair can use interchangeably. When input TMDS Input Clock polarity +/-
pin swaps, output TMDS Clock of port 1 and port 2 shall swapped accordingly.
14-0020


Similar Part No. - PI3VDP1430

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP12412 PERICOM-PI3VDP12412 Datasheet
927Kb / 12P
   4-Lane DisplayPort Rev 1.2 Compliant Switch
logo
Diodes Incorporated
PI3VDP12412 DIODES-PI3VDP12412 Datasheet
926Kb / 12P
   4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
logo
Pericom Semiconductor C...
PI3VDP12412NEE PERICOM-PI3VDP12412NEE Datasheet
927Kb / 12P
   4-Lane DisplayPort Rev 1.2 Compliant Switch
logo
Diodes Incorporated
PI3VDP12412NEE DIODES-PI3VDP12412NEE Datasheet
926Kb / 12P
   4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
logo
Pericom Semiconductor C...
PI3VDP12412ZHE PERICOM-PI3VDP12412ZHE Datasheet
927Kb / 12P
   4-Lane DisplayPort Rev 1.2 Compliant Switch
More results

Similar Description - PI3VDP1430

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
   DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
logo
Semtech Corporation
GS2986 SEMTECH-GS2986 Datasheet
3Mb / 41P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2965 SEMTECH-GS2965 Datasheet
3Mb / 41P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2985 SEMTECH-GS2985 Datasheet
3Mb / 45P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Integrated Device Techn...
854S712 IDT-854S712 Datasheet
457Kb / 17P
   1:2 Fanout Buffer with Pre-Emphasis
logo
Renesas Technology Corp
854S712 RENESAS-854S712 Datasheet
765Kb / 18P
   1:2 Fanout Buffer with Pre-Emphasis
October 10, 2017
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com