Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3HDMI511ZLE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3HDMI511ZLE
Description  HDMI1.4 Redriver Source-side Application
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI511ZLE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3HDMI511ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI511ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
www.pericom.com
P-0.2
07/10/12
All trademarks are property of their respective owners.
PI3HDMI511
HDMITM1.4 Redriver for Source-side Application
HPD_SINK
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IIH
High level digital input current VIH =VDD
25
40
µA
IIL
Low level digital input current
VIL = GND
-10
10
µA
VIH
High level digital input voltage VDD=3.3V
2.0
V
VIL
Low level digital input voltage
0
0.8
V
Control Pin (/OE)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IIH
High level digital input current VIH =VDD
30
45
µA
IIL
Low level digital input current
VIL = GND
-10
10
µA
VIH
High level digital input voltage
2.0
V
VIL
Low level digital input voltage
0
0.8
V
DDC Channel Block
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
CIO
Input/Output capacitance
VI peak-peak = 1V, 100 KHz
10
pF
RON
On resistance
IO = 3mA, VO = 0.4V
25
50
Ω
Vpass
Switch Output voltage
VI=3.3V, II=100uA
VDD=3.3V, External pull-up to
VDD(15K ohm ~ 5K ohm)
1.5
2.0
2.5
V
Control Pins(OC_S0 with 100K ohm pull-up)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IIH
High level logic input current
VIH=VDD
10
µA
IIL
Low level logic input current
VIL=GND
35
50
µA
Control Pins(EQ_S0 with 100K ohm pull-down)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IIH
High level logic input current
VIH=VDD
35
50
µA
IIL
Low level logic input current
VIL=GND
10
µA
TMDS Differential Pins
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
12-0185


Similar Part No. - PI3HDMI511ZLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI521 PERICOM-PI3HDMI521 Datasheet
1Mb / 20P
   HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
More results

Similar Description - PI3HDMI511ZLE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
   DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
logo
Toshiba Semiconductor
TOLD9462MC TOSHIBA-TOLD9462MC Datasheet
8Mb / 2P
   LIGHT SOURCE FOR DVD APPLICATION
logo
ITE Tech.Inc.
IT66121FN ITE-IT66121FN Datasheet
774Kb / 40P
   Low Power Transmitter with HDMI1.4 3D
Specification V1.02
logo
Infineon Technologies A...
TLD1125EL INFINEON-TLD1125EL Datasheet
1Mb / 36P
   1 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL_15 Datasheet
1Mb / 29P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2311EL INFINEON-TLD2311EL_15 Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD1313EL INFINEON-TLD1313EL_15 Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1124EL INFINEON-TLD1124EL_15 Datasheet
1Mb / 29P
   1 Channel High Side Current Source
Rev. 1.1, 2015-03-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com