Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3HDMI336FBE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3HDMI336FBE
Description  3:1 ActiveEye HDMI Switch with I2C Control & ARC Transmitter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI336FBE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI336FBE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI336FBE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI336FBE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI336FBE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI336FBE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI336FBE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI336FBE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI336FBE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI336FBE Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
www.pericom.com
07/28/2012
PI3HDMI336
3:1 ActiveEye™ HDMI™ Switch with
I2C Control & ARC Transmitter
Byte 1
Bit
Descriptions
Type
Power Up
Condi-
tion
Logic Settings
7
Port A RT , Rpd on/off con-
trol
R/W
1
0 = RT disconnected, Rpd connected
1 = RT connected, Rpd disconnected
6
Port B RT , Rpd on/off control R/W
1
0 = RT disconnected, Rpd connected
1 = RT connected, Rpd disconnected
5
Port C RT , Rpd on/off control R/W
1
0 = RT disconnected, Rpd connected
1 = RT connected, Rpd disconnected
4
5V_PortC connect
R
0
0 = Disconnected
1 = Connected
INT Flag B1b[1] is set by 5V_PortC edge signal when 5V_PortC
changes from 1 to 0, or from 0 to 1.
3
5V_PortB connect
R
0
0 = Disconnected
1 = Connected
INT Flag B1b[1] is set by 5V_PortB edge signal when 5V_PortB
changes from 1 to 0, or from 0 to 1.
2
5V_PortA connect
R
0
0 = Disconnected
1 = Connected
INT Flag B1b[1] is set by 5V_PortA edge signal when
5V_PortA changes from 1 to 0, or from 0 to 1
1
INT Flag
R
0
0 = INT Flag Clear
1 = INT Flag Set
INT Flag will be set from logic Low to High, when any 5V_Port has
detected plug or unplug transition action.
INT Flag is cleared to low after I2C bus reads the register byte 1.
See INT Flag flowchart.
0
DDC channel selection
R/W
0
0 = Passive switch
1 = Active switch buffer
For power saving operation, passive switch can be selected to fur-
ther reduce the active power consumption.
12-0237


Similar Part No. - PI3HDMI336FBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI336 PERICOM-PI3HDMI336 Datasheet
1Mb / 20P
   HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
More results

Similar Description - PI3HDMI336FBE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Texas Instruments
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341 TI-TMDS341 Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
logo
Analog Devices
ADV7524A AD-ADV7524A Datasheet
71Kb / 2P
   Low Power HDMI Transmitter with Consumer Electronic Control (CEC)
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com