Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3HDMI301 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3HDMI301
Description  3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI301 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI301 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
PS8959B
10/01/09
PI3HDMI301
3:1 Active Switch for HDMI™ Signals with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
Electrical Characteristics (over recommended operating conditions unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Units
ICC
Supply Current
VIH = VDD, VIL = VDD - 0.4V,
RT = 50-ohm, VDD = 3.3V
Data Input = 1.65 Gbps HDMITM data
pattern
CLK Input = 165 MHz clock
200
mA
PD
Power Dissipation
660
mW
ICCQ
Standby Current
OE = HIGH, S1 = S2 = S3 = LOW
8
mA
TMDS Differential Pins
VOH
Single-ended high-level output
voltage
VDD = 3.3V, RT = 50-ohm
Pre-emphasis/De-emphasis = 0dB
VDD-
10
VDD +
10
mV
VOL
Single-ended low-level output
voltage
VDD -
600
VDD -
400
Vswing
Single-ended output swing voltage
400
600
VOD(O)
Overshoot of output differential
voltage
6%
15%
2x
Vswing
VOD(U)
Undershoot of output differential
voltage
12%
25%
ΔVOC(SS)
Change in steady-state common-
mode output voltage between logic
states
0.5
5
mV
|I(OS)|
Short circuit output current
12
mA
VODE(SS)
Steady state output differential
voltage
OC_Sx = GND, Data Input = 250
Mbps HDMITM data pattern
CLK Input = 25 MHz clock
x = 0, 1, 2, 3
560
840
mVp-p
VODE(PP)
Peak-to-peak output differential
voltage
800
1200
VI(open)
Single-ended input voltage under
high impedance input or open input
II = 10μA
VDD -
10
VDD + 10 mV
RINT
Input termination resistance
VIN = 2.9V
45
50
55
ohm
DDC I/O Pins (SCLx, SCL_SINK, SDAx, SDA_SINK)
|Ilkg|
Input leakage current
VI = 5.5V
-50
50
μA
VI = VDD
-10
10
CIO
Input/output capacitance
VI = 0V
7.5
pF
RON
Switch resistance
IO = 3mA, VO = 0.4V
25
50
ohm
VPASS
Switch output voltage
VI = 3.3V, II = 100μA
1.5(2)
2.0
2.5(3)
V
Status Pins (HPD)
VOH(TTL) TTL High-level output voltage
IOH = -4mA
2.4
V
VOL(TTL) TTL Low-level output voltage
IOL = 4mA
0.4
V
(Table Continued)
09-0054


Similar Part No. - PI3HDMI301

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI336 PERICOM-PI3HDMI336 Datasheet
2Mb / 22P
   3:1 ActiveEye HDMI Switch with I2C Control & ARC Transmitter
PI3HDMI336 PERICOM-PI3HDMI336 Datasheet
1Mb / 20P
   HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PI3HDMI336FBE PERICOM-PI3HDMI336FBE Datasheet
2Mb / 22P
   3:1 ActiveEye HDMI Switch with I2C Control & ARC Transmitter
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ARFFE PERICOM-PI3HDMI341ARFFE Datasheet
528Kb / 12P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
More results

Similar Description - PI3HDMI301

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ART PERICOM-PI3HDMI341ART Datasheet
740Kb / 11P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI431AR PERICOM-PI3HDMI431AR Datasheet
403Kb / 11P
   3:1 Active HDMITM Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI101ZHEX PERICOM-PI3HDMI101ZHEX Datasheet
555Kb / 14P
   1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
PI3HDMI412AD PERICOM-PI3HDMI412AD Datasheet
660Kb / 10P
   1:2 Active HDMI Rev. 1.3 Compatible DeMux with Advanced Re-Driver Functionality for Enhanced Signal Integrity
logo
Analog Devices
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Pericom Semiconductor C...
PI3HDMI101-B PERICOM-PI3HDMI101-B Datasheet
940Kb / 16P
   1:1 Active HDMI ReDriver with Optimized Equalization & I2C Buffer and RxTerm detection circuitry
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com