Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3HDMI101-B Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3HDMI101-B
Description  1:1 Active HDMI ReDriver with Optimized Equalization & I2C Buffer and RxTerm detection circuitry
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI101-B Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3HDMI101-B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI101-B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI101-B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI101-B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI101-B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI101-B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI101-B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI101-B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI101-B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
PS8956B
03/06/13
PI3HDMI101-B
1:1 Active HDMITM ReDriver™ with Optimized Equalization
& I2C Buffer and RxTerm detection circuitry
All trademarks are property of their respective owners.
Pin Description
Pin #
Pin Name
I/O Description
5
8
11
14
IN_CLK+
IN_D0+
IN_D1+
IN_D2+
I
TMDS Positive inputs
4
7
10
13
IN_CLK-
IN_D0-
IN_D1-
IN_D2-
I
TMDS Negative inputs
3, 9, 15, 24, 30, 36
GND
P
Ground
18
OE
I
Output Enable, Active LOW
41
SCL_R
I/O
DDC Clock , Source Side
40
SDA_R
I/O
DDC Data, Source Side
6, 12, 16, 23, 27, 33, 37
VDD
P
3.3V Power Supply
34
31
28
25
OUT_CLK+
OUT_D0+
OUT_D1+
OUT_D2+
O
TMDS positive outputs
35
32
29
26
OUT_CLK-
OUT_D0-
OUT_D1-
OUT_D2-
O
TMDS negative outputs
1
2
EQ_S0
EQ_S1
I
Equalizer controls, both pins with internal pull-ups
19
20
21
22
OC_S0
OC_S1
OC_S2
OC_S3
I
Output buffer controls
Note: All 4 pins have internal pull-ups
17
DDC_EN
I
I2C path enable
38
SCL_T
I/O
DDC Clock, Sink side
39
SDA_T
I/O
DDC Data, Sink side
42
IADJ
I
High/Low Voltage Selection, depends on I2C external pull-up
range
13-0005


Similar Part No. - PI3HDMI101-B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI101 PERICOM-PI3HDMI101 Datasheet
491Kb / 12P
   1:1 Active HDMITM Redriver with Optimized Equalization & I2C Buffer
PI3HDMI101 PERICOM-PI3HDMI101 Datasheet
555Kb / 14P
   1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
PI3HDMI101ZHE PERICOM-PI3HDMI101ZHE Datasheet
491Kb / 12P
   1:1 Active HDMITM Redriver with Optimized Equalization & I2C Buffer
PI3HDMI101ZHEX PERICOM-PI3HDMI101ZHEX Datasheet
555Kb / 14P
   1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
More results

Similar Description - PI3HDMI101-B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI101ZHEX PERICOM-PI3HDMI101ZHEX Datasheet
555Kb / 14P
   1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
PI3HDMI101 PERICOM-PI3HDMI101 Datasheet
491Kb / 12P
   1:1 Active HDMITM Redriver with Optimized Equalization & I2C Buffer
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ART PERICOM-PI3HDMI341ART Datasheet
740Kb / 11P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI301 PERICOM-PI3HDMI301 Datasheet
632Kb / 16P
   3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
logo
Analog Devices
AD8195ACPZ AD-AD8195ACPZ Datasheet
1Mb / 20P
   HDMI/DVI Buffer with Equalization
REV. B
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com