Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3EQXDP1201 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3EQXDP1201
Description  3.3V, 4-Ch DisplayPort 1.2 Redriver with Aux Listener/AutoTest mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3EQXDP1201 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3EQXDP1201 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3EQXDP1201 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3EQXDP1201 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3EQXDP1201 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3EQXDP1201 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3EQXDP1201 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3EQXDP1201 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3EQXDP1201 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3EQXDP1201 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PI3EQXDP1201
3.3V, 4-Ch DisplayPort 1.2 Redriver with AUX Listener/AutoTest mode
6
www.pericom.com
02/27/15
COMPANY CONFIDENTIAL
Functional Description
Intelligent Power Management
Pericom’sblockbaseddesignandintelligentdetectionscheme
allow portions, or all of the IC, to be disabled for power sav-
ings. For example, in DP mode, if only one or two lanes are
active,theotherlaneswillbeautomaticallypoweredoff.Ifthere
is no input video signal the entire IC will be powered down.
If there is no monitor detected, Pericom’s PI3EQXDP1201
can also automatically power down the IC. This intelligent
power management concept not only saves system power,
but also stops the device from outputting useless data or
noise when no signal is present at the input of the IC. The
power-down mode can also be entered using hard pin EN-
ABLE, or through DPCD register (AUX link training)
DisplayPort AUX Listener
PI3EQXDP1201 integrates an AUX listener(decoder),
which enables the device to receive and deci-
pher all AUX link training data and use this ex-
tracted information for its own configuration.
The intercepted DPCD data is used to adjust the active lane
count, output swing level, output pre-emphasis level, and to
manage the device’s D3 power saving state.
AUX Listener Specification
DP AUX listener will support Native AUX CH Syntax.
Mapping of I2C onto AUX CH Syntax is not supported.
AUX listener monitors AUX channel from requester and
replier for transactions and stored AUX command from
requester and reply command from sinks that are related
to the link settings. AUX listener recovered the clock from
AUX data input by cycle counting the synchronization
pulse at the beginning of the AUX cycle. In a AUX write
request cycle, the AUX address compare the addresses
with the following registers’ address, data is extracted and
stored into the respective registers when the addresses
matches. These registers are set during link training se-
quence following hot plug detection.
00100h
Data Rate Register
00101h
LANE_COUNT_SET
00103h
TRAINING_LANE0_SET
00104h
TRAINING_LANE1_SET
00105h
TRAINING_LANE2_SET
00106h
TRAINING_LANE3_SET
00260h
Sink Test request response
00600h
Power Down
The AUX listener support Sink request Test sequence.
After HPD IRQ event and DP source read 00201h AUX
register and if bit 1 is high, the DP source will enter a Sink
request test mode and initiate a sequence of AUX read
request cycle. During the read cycle, data matching the fol-
lowing registers address are stored in the listener.
00206h ADJUST_REQUEST_LANE0_1
00207h ADJUST_REQUEST_LANE2_3
00218h Test Request
00219h Test link rate
00220h Test Lane count
After the read request cycle, the DP source will write 1 to
Bit 0 register 00260h if the DP source enters sink request
mode, or 1 to Bit 1 of register 00260h if the source declined
the sink test request. The data stored in registers 002xx
above will override the value set in 00101h to 00106h reg-
isters when the sink entered the Sink Test mode.
Sink Test Request Acknowledgement
00260h
mode
Buffer configuration outputs
xxxxxx00b
No action
00100 : 00106h
xxxxxx01b
Sink Test
mode
00206h,00207h,00219h,00220h
Override 00100,1,3,4,5,6h register
settings
xxxxxx10b
Sink test mode
declined
00100h : 00106h
xxxxxx11b
Not Legal code 00100h : 00106h
15-0021


Similar Part No. - PI3EQXDP1201

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3EQXDP1201 PERICOM-PI3EQXDP1201 Datasheet
1Mb / 20P
   HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
logo
Diodes Incorporated
PI3EQXDP1201 DIODES-PI3EQXDP1201 Datasheet
3Mb / 51P
   Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
More results

Similar Description - PI3EQXDP1201

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A_V01 Datasheet
3Mb / 51P
   Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3DPX1202A DIODES-PI3DPX1202A Datasheet
3Mb / 51P
   Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
   1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
   1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
[Old version datasheet]   DisplayPort Linear Redriver
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
   DisplayPort 20Gbps 4-lane linear redriver
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
[Old version datasheet]   DisplayPort 8.1 Gbps Linear Redriver
logo
Agilent(Hewlett-Packard...
W2642A HP-W2642A Datasheet
725Kb / 8P
   DisplayPort AUX Channel Controller
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
   1 to 1 DisplayPort ReDriver
logo
NXP Semiconductors
PTN3222EUK NXP-PTN3222EUK Datasheet
1Mb / 47P
   eUSB2 to USB2 redriver with 1.2 V IO
Rev. 1.1 - 1 December 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com