Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI2EQXDP101-A Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI2EQXDP101-A
Description  1 to 1 DisplayPort ReDriver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQXDP101-A Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI2EQXDP101-A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQXDP101-A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQXDP101-A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQXDP101-A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQXDP101-A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQXDP101-A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2EQXDP101-A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2EQXDP101-A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI2EQXDP101-A Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
P-0.3
07/09/10
PI2EQXDP101-A
1 to 1 DisplayPort™ ReDriver™
AUX Channel Electrical Specifications
Symbol
Parameter
Conditions
Min
Nom
Max
Units
VI
AUXUnitInterval
1Mbpsincludingoverheadof
MancesterIIcoding
0.4
0.5
0.6
µS
Pre-charge
pulses
Numberofpre-charge
pulses
Eachpulseisa‘0’inManches-
ter
IIcode.
10
16
SyncPulses
Numberofsyncpulses
16
VAUX-DIFFp-p
AUXPeak-to-peakVoltageata
receivingDevice
VAUX-DIFFp-p
=2*|VAUX+–VAUX-|
0.32
1.36
V
AUXATTEN
AUXattenuation
with100-Ohmtermination
1.5
2.0
dB
VAUXP-DC
AUX+DCVoltageRange
0
2.0
V
VAUXN-DC
AUX–DCVoltageRange
1.3
3.3
IAUX_SHORT
AUXShortCircuitCurrent
90
mA
CAUX
AUXACCoupling
Capacitor
TheAUXCHACcoupling
capacitorplacedontheDisplay-
PortSource
75
200
nF
10-0194


Similar Part No. - PI2EQXDP101-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2EQX16924 DIODES-PI2EQX16924 Datasheet
497Kb / 2P
   Two Lane PCIe 4.0 Linear ReDriver Features Low Power Operation for Mobile and PC Applications
PI2EQX16924XUAEX DIODES-PI2EQX16924XUAEX Datasheet
497Kb / 2P
   Two Lane PCIe 4.0 Linear ReDriver Features Low Power Operation for Mobile and PC Applications
logo
Pericom Semiconductor C...
PI2EQX3201 PERICOM-PI2EQX3201 Datasheet
510Kb / 7P
   3.2Gbps 2 Differential Channel Serial Re-driver with built-in Equalization and De-emphasis
PI2EQX3201BL PERICOM-PI2EQX3201BL Datasheet
585Kb / 5P
   3.0Gbps 2 Differential Channel SATA i/m ReDriver with Equalization, De-emphasis and OOB
PI2EQX3201ZFE PERICOM-PI2EQX3201ZFE Datasheet
510Kb / 7P
   3.2Gbps 2 Differential Channel Serial Re-driver with built-in Equalization and De-emphasis
More results

Similar Description - PI2EQXDP101-A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
[Old version datasheet]   DisplayPort Linear Redriver
logo
NXP Semiconductors
PTN3222 NXP-PTN3222 Datasheet
1Mb / 55P
   1-port eUSB2 to USB2 redriver
Rev. 1.2 - 11 August 2023
logo
Texas Instruments
SN75DP118 TI-SN75DP118 Datasheet
540Kb / 15P
[Old version datasheet]   DisplayPort 1:1 Repeater
logo
NXP Semiconductors
PTN3222DUK NXP-PTN3222DUK Datasheet
1Mb / 48P
   1-port eUSB2 to USB2 redriver
Rev. 1.1 - 1 December 2023
logo
Texas Instruments
SN75DP118 TI-SN75DP118_1 Datasheet
717Kb / 18P
[Old version datasheet]   DisplayPort 1:1 Repeater
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
[Old version datasheet]   DisplayPort 8.1 Gbps Linear Redriver
SN75DP120 TI-SN75DP120 Datasheet
1Mb / 27P
[Old version datasheet]   DisplayPort 1:1 Dual-Mode Repeater
logo
Pericom Semiconductor C...
PI3EQX501I PERICOM-PI3EQX501I Datasheet
594Kb / 1P
   5.0Gbps, 1-Channel, USB3.0 ReDriver
PI3EQX7502M PERICOM-PI3EQX7502M Datasheet
663Kb / 1P
   5.0Gbps, 1-port, USB3.0 ReDriver
PI3EQX501B PERICOM-PI3EQX501B Datasheet
1Mb / 7P
   5.0Gbps, 1-channel, USB3.0 ReDriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com