Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS46LD32320A Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS46LD32320A
Description  Four-bit Pre-fetch DDR Architecture
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46LD32320A Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS46LD32320A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46LD32320A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46LD32320A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46LD32320A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46LD32320A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46LD32320A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46LD32320A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS46LD32320A Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS46LD32320A Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 143 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
8/6/2014
IS43/46LD16640A
IS43/46LD32320A
PoWeR-uP aND INItIaLIzatIoN
DDR2 SDRAMs must be powered up and initialized in a predefined manner. Operational procedures other than those
specified may result in undefined operation.
The following sequence is required for Power-up and Initialization.
1. Voltage ramp up sequence is required :
A. While applying power, attempt to maintain CKE below 0.2 x VDDCA and all other inputs must be between VILmin
and VIHmax. The device outputs remain at High-Z while CKE is held LOW. The voltage ramp time tINIT0 ( Tb-Ta)
must be no greater than 20 ms from Tb which is point for all supply and reference voltage are within their defined
operating ranges , to Ta which is point for any power supply first reaches 300mV.
B. The following conditions apply for voltage ramp after Ta is reached,
− VDD1 must be greater than VDD2-200mV AND
− VDD1 and VDD2 must be greater than VDDCA-200mV AND
− VDD1 and VDD2 must be greater than VDDQ-200mV AND
− VREF must always be less than all other supply voltages
− The voltage difference between any of VSS, VSSQ, and VSSCA pins must not exceed 100mV
2. Start clock and maintain stable condition.
Beginning at Tb, CKE must remain LOW for at least tINIT1 = 100 ns, after which CKE can be asserted HIGH. The
clock must be stable at least tINIT2 = 5 × tCK prior to the first CKE LOW-to-HIGH transition (Tc). CKE, /CS, and CA
inputs must observe setup and hold requirements (tIS, tIH) with respect to the first rising clock edge (and to subse-
quent falling and rising edges).
Once the ramping of the supply voltages is complete ( Tb), CKE must be maintained LOW. DQ, DM, DQS and DQS#
voltage levels must be between VSSQ and VDDQ during voltage ramp to avoid latchup. CK, /CK, /CS, and CA input
levels must be between VSSCA and VDDCA during voltage ramp to avoid latch-up
If any Mode Register Read ( MRRs ) are issued, the clock period must be within the range defined for tCKb (18ns to
100ns). Mode Register Write (MRWs) can be issued at normal clock frequencies as long as all AC timings are met.
Some AC parameters could have relaxed timings before the system is appropriately configured. While keeping CKE
HIGH, NOP commands must be issued for at least tINIT3 = 200μs (Td).
3. ReSet Command
After tINIT3 is satisfied, the MRW RESET command must be issued (Td).
An optional PRECHARGE ALL command can be issued prior to the MRW RESET command. Wait at least tINIT4
while keeping CKE asserted and issuing NOP commands
4. Mode Register Reads and Device auto Initialization (DaI) Polling:
After tINIT4 is satisfied (Te), only MRR commands and power-down entry/exit commands are supported. After Te,
CKE can go LOW in alignment with power-down entry and exit specifications.
Use the MRR command to poll the DAI bit and report when device auto initialization is complete; otherwise, the con-
troller must wait a minimum of tINIT5, or until the DAI bit is set before proceeding.
As the memory output buffers are not properly configured by Te, some AC parameters must have relaxed timings
before the system is appropriately configured. After the DAI bit (MR0, DAI) is set to zero by the memory device (DAI
complete), the device is in the idle state (Tf ). DAI status can be determined by issuing the MRR command to MR0.
The device sets the DAI bit no later than tINIT5 after the RESET command. The controller must wait at least tINIT5 or
until the DAI bit is set before proceeding


Similar Part No. - IS46LD32320A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46LD32160A ISSI-IS46LD32160A Datasheet
6Mb / 143P
   Four-bit Pre-fetch DDR Architecture
IS46LD32800A ISSI-IS46LD32800A Datasheet
6Mb / 143P
   Four internal banks for concurrent operation
More results

Similar Description - IS46LD32320A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LD16320A ISSI-IS43LD16320A Datasheet
6Mb / 143P
   Four-bit Pre-fetch DDR Architecture
logo
Winbond
W97AH6KB WINBOND-W97AH6KB Datasheet
2Mb / 127P
   Four-bit prefetch DDR architecture
logo
Cypress Semiconductor
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1521KV18 CYPRESS-CY7C1521KV18 Datasheet
747Kb / 29P
   72-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_12 Datasheet
465Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1317KV18_1106 CYPRESS-CY7C1317KV18_1106 Datasheet
779Kb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture 333-MHz clock for high bandwidth
logo
Micross Components
MYX4DDR364M16JT MICROSS-MYX4DDR364M16JT Datasheet
7Mb / 128P
   8n-bit prefetch architecture
AS4DDR232M72APBG MICROSS-AS4DDR232M72APBG Datasheet
1Mb / 28P
   4-bit prefetch architecture
logo
Micron Technology
MT41K512M4 MICRON-MT41K512M4 Datasheet
2Mb / 207P
   8n-bit prefetch architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com