Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC1F-68RD-1.27SHA Datasheet(PDF) 3 Page - Hirose Electric

Part # IC1F-68RD-1.27SHA
Description  PC Card Socket Connector Complies with PC card Standard
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IC1F-68RD-1.27SHA Datasheet(HTML) 3 Page - Hirose Electric

  IC1F-68RD-1.27SHA Datasheet HTML 1Page - Hirose Electric IC1F-68RD-1.27SHA Datasheet HTML 2Page - Hirose Electric IC1F-68RD-1.27SHA Datasheet HTML 3Page - Hirose Electric IC1F-68RD-1.27SHA Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A54
s68 Contacts Connector
qConnector thickness:2.7mm
qSingle surface mount type
IC1F-68RD-1.27SF
CL640-0035-3
IC1F-68RD-1.27SF
IC1F-68RD-1.27SFA
640-0035-3
640-0040-3
0.3
0.854
A
CL No.
Part Number
Unit:mm
s68 Contacts Connector
Compliant with PC Card Standard
Compliant with PC Card Standard
IC1F-68RD-1.27SH
CL640-0013-0
qConnector thickness:2.7mm
qTwo sided board termination on the center line
• Recommended board thickness : 0.4 to 0.5mm


Similar Part No. - IC1F-68RD-1.27SHA

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
   Data/Clock Extraction IC
logo
List of Unclassifed Man...
IC1001 ETC2-IC1001 Datasheet
193Kb / 4P
   INFRARED RECEIVER/DECODER INTEGRATED CIRCUIT
logo
RF Monolithics, Inc
IC1003 RFM-IC1003 Datasheet
572Kb / 11P
   RF Uart
logo
RFE international
IC1006 RFE-IC1006 Datasheet
117Kb / 1P
   SURFACE MOUNT INDUCTORS IC Series: Power Chokes
logo
List of Unclassifed Man...
IC101 ETC1-IC101 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
More results

Similar Description - IC1F-68RD-1.27SHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1620 TI1-PCI1620_08 Datasheet
212Kb / 6P
[Old version datasheet]   Dual-Socket PC Card and UltraMedia Controller
logo
Cherry Semiconductor Co...
G83-6105LPQGB-0 CHERRY-G83-6105LPQGB-0 Datasheet
31Kb / 1P
   Standard PC Keyboard
logo
Texas Instruments
PCI7510 TI1-PCI7510_08 Datasheet
139Kb / 6P
[Old version datasheet]   PC Card, Smart Card
PCI1251B TI-PCI1251B Datasheet
1Mb / 126P
[Old version datasheet]   PC CARD CONTROLLER
PCI1451 TI-PCI1451 Datasheet
583Kb / 141P
[Old version datasheet]   PC Card Controller
PCI1410 TI-PCI1410 Datasheet
606Kb / 145P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1520-EP TI1-PCI1520-EP Datasheet
779Kb / 138P
[Old version datasheet]   PC Card Controllers
PCI1420PDV TI1-PCI1420PDV Datasheet
200Kb / 6P
[Old version datasheet]   PC Card Controllers
PCI1510 TI-PCI1510 Datasheet
735Kb / 128P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1420 TI-PCI1420 Datasheet
532Kb / 137P
[Old version datasheet]   PC Card Controllers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com