Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-201SD Datasheet(PDF) 2 Page - Hirose Electric

Part # MC-201SD
Description  Coil Components (SMD)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MC-201SD Datasheet(HTML) 2 Page - Hirose Electric

  MC-201SD Datasheet HTML 1Page - Hirose Electric MC-201SD Datasheet HTML 2Page - Hirose Electric MC-201SD Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
47
sSpecifications
Part Number
Frequency
Range
(MHZ)
Phase
Difference
(deg)
π above 3dB
Insertion Loss
(dB Max)
Isolation
(dB Min)
V.S.W.R.
(Max)
Balance
Phase
(deg)
Amplitude
(dB)
Impedance
(ohms)
Weight
(g)
MC-201SC
030~200
0
0.6
20
1.3
±3
±0.1
75
1
MC-212SC
050~095
– 90
0.6
20
1.2
±3
±0.5
75
1
MC-217SC
045~070
– 90
0.6
20
1.2
±3
±0.5
75
1
MC-218SC
070~100
– 90
0.6
20
1.2
±3
±0.5
75
1
MC-201SD
030~230
0
0.6
20
1.3
±3
±0.15
50
1
MC-211SD
170~230
– 90
0.6
20
1.2
±3
±0.5
50
1
MC-212SD
045~104
– 90
0.6
20
1.2
±3
±0.5
50
1
MC-213SD
330~370
– 90
1.3
16
1.4
±4
±0.5
50
1
Note 1: The insertion loss of the 2-way 90° type is the average output of the 0° port and the -90° port minus 3 dB coupling.
Note 2: When ordering items with embossed tape packaging, affix (06) to the end of the product number. One reel contains 500 pieces.
sFunction Diagram
sPCB Mounting Pattern
Pins 2, 3, 4, 5, and 6 are ground.
Pins 3, 4, 7, and 8 are ground.
qPlease apply resist processing to the area around the
electrode pads.
sPrecautions
1.Soldering
(1)Recommended temperature profile
2.Product Storage
Note 1: Up to 2 cycles of reflow soldering are possible under the same conditions,
provided that there is a return to normal temperature between the first and second
cycle.
Note 2: The temperature profile indicates the board surface temperature at the
point of contacts with the connector terminals (for surface mounted receptacle).
1After opening the package reseal promptly or store in a desiccator with a
desiccant.
2Store in a place that is not exposed to harmful gases which include sulfur or
chlorine, etc.
3Use within one year of delivery.
Preheating
Soldering
Slow cooling
40 to 120 s
20 to 60 s
Natural cooling
for 1 minute Min.
(2)Recommended manual soldering
(3)Recommended screen thickness
Manual soldering: 260ç for 10 seconds
0.15 mm


Similar Part No. - MC-201SD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MC-201R HIROSE-MC-201R Datasheet
128Kb / 4P
   Coil Components (Relay Headers)
MC-201RC HIROSE-MC-201RC Datasheet
128Kb / 4P
   Coil Components (Relay Headers)
More results

Similar Description - MC-201SD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MC-201RC HIROSE-MC-201RC Datasheet
128Kb / 4P
   Coil Components (Relay Headers)
logo
PREMO CORPORATION S.L
TP0702U PREMO-TP0702U_14 Datasheet
62Kb / 1P
   SMD Transponder Coil
logo
TDK Electronics
HF201209 TDK-HF201209 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC453215-T TDK-HF70ACC453215-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC635050-T TDK-HF70ACC635050-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC322513-T TDK-HF70ACC322513-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
ACB2012M-080-T TDK-ACB2012M-080-T Datasheet
86Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC201209-T TDK-HF70ACC201209-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
logo
Frontier Electronics.
292AR FRONTIER-292AR Datasheet
221Kb / 2P
   SMD AIR WOUND COIL
logo
Superworld Electronics
PIC0315HR47MF SUPERWORLD-PIC0315HR47MF Datasheet
1Mb / 7P
   SMD Power Choke Coil
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com