Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1175CIJMX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1175CIJMX
Description  8-Bit, 20MHz, 60mW A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1175CIJMX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC1175CIJMX Datasheet HTML 1Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 2Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 3Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 4Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 5Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 6Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 7Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 8Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin
No.
Symbol
Equivalent Circuit
Description
17
V
RT
Analog Input that is the high (top) side of the
reference ladder of the ADC. Nominal range is 1.0V
to AV
DD. Voltage on VRT and VRB inputs define the
V
IN conversion range. Bypass well. See Section 2.0
for more information.
23
V
RB
Analog Input that is the low (bottom) side of the
reference ladder of the ADC. Nominal range is 0V to
4.0V. Voltage on V
RT and VRB inputs define the VIN
conversion range. Bypass well. See Section 2.0 for
more information.
22
V
RBS
Reference Bottom Bias with internal pull down
resistor. Short to V
RB to self bias the reference
ladder.
1OE
CMOS/TTL compatible Digital input that, when low,
enables the digital outputs of the ADC1175. When
high, the outputs are in a high impedance state.
12
CLK
CMOS/TTL compatible digital clock Input. V
IN is
sampled on the falling edge of CLK input.
3 thru
10
D0-D7
Conversion data digital Output pins. D0 is the LSB,
D7 is the MSB. Valid data is output just after the
rising edge of the CLK input. These pins are enabled
by bringing the OE pin low.
11, 13
DV
DD
Positive digital supply pin. Connect to a clean, quiet
voltage source of +5V. AV
DD and DVDD should have
a common source and be separately bypassed with a
10µF capacitor and a 0.1µF ceramic chip capacitor.
See Section 3.0 for more information.
www.national.com
3


Similar Part No. - ADC1175CIJMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC1175CIMTC TI1-ADC1175CIMTC Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
ADC1175CIMTC/NOPB TI1-ADC1175CIMTC/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
ADC1175CIMTCX TI1-ADC1175CIMTCX Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
ADC1175CIMTCX/NOPB TI1-ADC1175CIMTCX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
More results

Similar Description - ADC1175CIJMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Fujitsu Component Limit...
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
C&D Technologies
ADS-325A CANDD-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com