Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN8223 Datasheet(PDF) 1 Page - Mallory performance club

Part # PN8223
Description  MSD Blaster Coil
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN8223 Datasheet(HTML) 1 Page - Mallory performance club

  PN8223 Datasheet HTML 1Page - Mallory performance club PN8223 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parts Included:
1 - Blaster Coil, PN 8202, PN 8223, PN 8222
2 - Brass Nuts and Lock Washers
Note: This Blaster Coil Kit is intended to be used with an MSD Ignition. If installing on a stock, points
style ignition system, a 0.8 ohm ballast resistor or resistor wiring
MUST be installed. MSD offers
this Ballast Resistor as PN 8214 or the Blaster Coil Kits, PN 8200 and 8203 are equipped with one.
WARNING: Failure to use a ballast resistor could result in personal injury or component failure.
The Blaster Coil is designed to mount in most factory canister coil mounts. MSD also offers a Chrome
Coil Bracket, PN 8213. It is recommended to mount the PN 8202 and 8223 coils in an upright position.
The High Vibration Coil, PN 8222, can be mounted in any position due to its epoxy potting compound.
INSTALLATION
WARNING: During installation, disconnect the battery cables. When disconnecting the battery,
always remove the Negative (-) cable first and install it last.
1. Mark the original coil wires as positive (+) and negative (-) and remove the wires.
2. Remove the high voltage coil wire (spark plug wire) and remove the coil from the bracket.
3. Install the Blaster Coil into the mount and tighten.
WIRING TO AN MSD 6 OR 7 SERIES IGNITION
The MSD 6 and 7 Ignitions are Capacitive Discharge Ignitions. They receive 12 volts directly from the
battery and are responsible for delivering the positive voltage to the coil. Therefore, a 12 volt source
wire is not required at the coil. When the installation with an MSD Ignition is complete, there will only be
two wires making direct contact to the coil terminals: The Orange Wire from the MSD connects to the
coil positive (+) terminal. The small Black wire from the MSD connects to the coil negative (-) terminal
(Figure 1).
Figure 1 Wiring to an MSD 6 or 7 Series Ignition Control.
PN 8202/8223/8222
MSD Blaster Coil
PN 8202, PN 8223
High Vibration Blaster Coil, PN 8222
(PN 8223 also is supplied with a
90° Plug Terminal and Boot)
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - PN8223

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8222 MALLORY-PN8222 Datasheet
150Kb / 2P
   MSD Blaster Coil
PN8224 MALLORY-PN8224 Datasheet
178Kb / 2P
   MSD Blaster GM Dual Tower Coil Pack
PN8225 MALLORY-PN8225 Datasheet
547Kb / 2P
   MSD GM HEI Coil
PN8226 MALLORY-PN8226 Datasheet
550Kb / 2P
   MSD Blaster GM Dual Connecyot Coil
PN8227 MALLORY-PN8227 Datasheet
538Kb / 2P
   MSD Blaster TFI Coil
More results

Similar Description - PN8223

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8203 MALLORY-8203 Datasheet
301Kb / 2P
   MSD Blaster Coil
8202 MALLORY-8202 Datasheet
150Kb / 2P
   MSD Blaster Coil
8223 MALLORY-8223 Datasheet
150Kb / 2P
   MSD Blaster Coil
PN8200 MALLORY-PN8200 Datasheet
301Kb / 2P
   MSD Blaster Coil
PN82023 MALLORY-PN82023 Datasheet
150Kb / 2P
   MSD Blaster Coil
8222 MALLORY-8222 Datasheet
150Kb / 2P
   MSD Blaster Coil
8200 MALLORY-8200 Datasheet
301Kb / 2P
   MSD Blaster Coil
8252 MALLORY-8252 Datasheet
128Kb / 2P
   MSD Blaster HVC Coil
82868 MALLORY-82868 Datasheet
1,016Kb / 2P
   MSD Blaster LS Coil
8227 MALLORY-8227 Datasheet
538Kb / 2P
   MSD Blaster TFI Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com