Electronic Components Datasheet Search |
|
FX2CA2-80S-1.27DSL Datasheet(PDF) 3 Page - Hirose Electric |
|
FX2CA2-80S-1.27DSL Datasheet(HTML) 3 Page - Hirose Electric |
3 / 31 page A144 sOrdering Information FX2 CA 2 - * S - 1.27 DSA L qe wr t y u i r Number of contacts: 20, 32, 40, 52, 60, 68, 80, 100, 120 t Connector type: S: Receptacle y Contact pitch: 1.27mm u Contact type DS : Right angle type DSA : Straight type i L: Board prefixed pin q Series Name :FX2 w Blank: Right angle type C : Straight non-cleaning type CA : Straight cleaning type e Product height variation (DSA only) Blank : Standard product 2 : +2mm qBoard to Board Receptacle FX2 CA 1 - * P - 1.27 DSA L qe wr t y u i r Number of contacts: 20, 32, 40, 52, 60, 68, 80, 100, 120 t Connector type: P: header y Contact pitch: 1.27mm u Contact type: DS : Right angle type DSA : Straight type i L: Board prefixed pin q Series Name :FX2 w None : Right angle type C : Straight non-cleaning type CA : Straight cleaning type e Product height variation (DSA only) Blank : Standard product 1 : +1mm 2 : +2mm qBoard to Board Header FX2 BA - * S A - 1.27 R qe wr t y u r S: Socket t A: Contact material: phosphor bronze y Contact pitch: 1.27mm u R: Insulation displacement q Series Name : FX2 w B : Lock cable type BA : No lock cable type e Number of contacts: 20, 32, 40, 52, 60, 68, 80, 100 qBoard to Cable Socket Note 1. C and CA take complete countermeasures against flux. Note 2. Cleaning type: the liquid escape hole is added at dip cleaning. Note 3. No-cleaning type: no liquid escape hole is added at dip cleaning. |
Similar Part No. - FX2CA2-80S-1.27DSL |
|
Similar Description - FX2CA2-80S-1.27DSL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |