Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR0237 Datasheet(PDF) 5 Page - ON Semiconductor

Part # AR0237
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237 Datasheet(HTML) 5 Page - ON Semiconductor

  AR0237 Datasheet HTML 1Page - ON Semiconductor AR0237 Datasheet HTML 2Page - ON Semiconductor AR0237 Datasheet HTML 3Page - ON Semiconductor AR0237 Datasheet HTML 4Page - ON Semiconductor AR0237 Datasheet HTML 5Page - ON Semiconductor AR0237 Datasheet HTML 6Page - ON Semiconductor AR0237 Datasheet HTML 7Page - ON Semiconductor AR0237 Datasheet HTML 8Page - ON Semiconductor AR0237 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
AR0237CS/D Rev. 3, 3/16 EN
5
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Functional Overview
Functional Overview
The AR0237 is a progressive-scan sensor that generates a stream of pixel data at a
constant frame rate. It uses an on-chip, phase-locked loop (PLL) that can be optionally
enabled to generate all internal clocks from a single master input clock running between
6 and 48 MHz. The maximum output pixel rate is 148.5 Mp/s, corresponding to a clock
rate of 74.25 MHz. Figure 1 shows a block diagram of the sensor configured in linear
mode, and in HDR mode.
Figure 1:
Block Diagram of AR0237
User interaction with the sensor is through the two-wire serial bus, which communi-
cates with the array control, analog signal chain, and digital signal chain. The core of the
sensor is a 2.1 Mp Active- Pixel Sensor array. The timing and control circuitry sequences
through the rows of the array, resetting and then reading each row in turn. In the time
interval between resetting a row and reading that row, the pixels in the row integrate
incident light. The exposure is controlled by varying the time interval between reset and
readout. Once a row has been read, the data from the columns is sequenced through an
analog signal chain (providing offset correction and gain), and then through an analog-
to-digital converter (ADC). The output from the ADC is a 12-bit value for each pixel in
the array. The ADC output passes through a digital processing signal chain (which
provides further data path corrections and applies digital gain). The sensor also offers a
Row Noise Correction
Black Level Correction
Test Pattern Generator
Pixel Defect Correction
Digital Gain and Pedestal
A-Law Compression
Parallel
HiSPi
12 bits
10 bits
12
12
ADC Data


Similar Part No. - AR0237

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0237CS ONSEMI-AR0237CS Datasheet
921Kb / 38P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0237CSSC00SHRA0-DR ONSEMI-AR0237CSSC00SHRA0-DR Datasheet
921Kb / 38P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0237CSSC00SHRAH3-GEVB ONSEMI-AR0237CSSC00SHRAH3-GEVB Datasheet
921Kb / 38P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0237CSSC00SPRA0-DR ONSEMI-AR0237CSSC00SPRA0-DR Datasheet
921Kb / 38P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0237CSSC00SPRAH3-GEVB ONSEMI-AR0237CSSC00SPRAH3-GEVB Datasheet
921Kb / 38P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
More results

Similar Description - AR0237

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0237CS ONSEMI-AR0237CS Datasheet
921Kb / 38P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0230CS ONSEMI-AR0230CS Datasheet
864Kb / 33P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
AR023ZM ONSEMI-AR023ZM Datasheet
810Kb / 35P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR0230CS ONSEMI-AR0230CS_17 Datasheet
181Kb / 24P
   1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AR0238 ONSEMI-AR0238 Datasheet
288Kb / 26P
   2.1 Mp/Full HD Digital Image Sensor
October, 2017 ??Rev. 5
AR023Z ONSEMI-AR023Z Datasheet
948Kb / 35P
   Mp/Full HD Digital Image Sensor
Rev. 0, Pub. 9/15 EN
AR0331 ONSEMI-AR0331_17 Datasheet
496Kb / 52P
   AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
March, 2017 ??Rev. 14
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
   Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
AR0331 ONSEMI-AR0331 Datasheet
2Mb / 72P
   Full HD Digital Image Sensor
Rev. L Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com