Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81620601000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 81620601000
Description  24 AWG stranded (7x32) TC conductors, Datalene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

81620601000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  81620601000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 81620601000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 81620601000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8162 Paired - Low Capacitance Computer Cable for EIA RS-232/422 & Digital
For more information please
call
1-800-Belden1
See Put-ups and Colors
Related Documents : No. 3 for
Paired Cables (Belden
Standard).pdf
Description:
24 AWG stranded (7x32) TC conductors, Datalene® insulation, twisted pairs individually Beldfoil® shielded + overall 100% Beldfoil + TC
braid shield (65% coverage), drain wire, PVC jacket
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Pairs
2
Total Number of Conductors
4
AWG
24
Stranding
7x32
Conductor Material
TC - Tinned Copper
INSULATION:
Insulation Material Trade Name
Datalene®
Insulation Material
FPE - Foam Polyethylene
Lay Length
1 in.
Twists/ft.
12
Pair Color Code Chart :
Number
Color
1
Black & Red
Number
Color
2
Black & White
INNER SHIELD:
Inner Shield Material Trade Name
Beldfoil®
Inner Shield Type
Tape
Inner Shield Material
Aluminum Foil-Polyester Tape
Inner Shield % Coverage
100 %
Inner Shield Drain Wire AWG
24
Inner Shield Drain Wire Stranding
7x32
Inner Shield Drain Wire Conductor Material
TC - Tinned Copper
OUTER SHIELD:
Outer Shield Material Trade Name
Beldfoil® (Z-Fold®)
Page 1 of 3


Similar Part No. - 81620601000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
81620601000 ETC2-81620601000 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene짰 insulation, twisted pairs individually Beldfoil
More results

Similar Description - 81620601000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1748352 ETC2-1748352 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344571 ETC2-1344571 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344926 ETC2-1344926 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347871 ETC2-1347871 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347816 ETC2-1347816 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1346359 ETC2-1346359 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1351274 ETC2-1351274 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com