Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSC-AT11K-A12 Datasheet(PDF) 3 Page - Hirose Electric

Part # HSC-AT11K-A12
Description  SC Type Fixed Attenuators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC-AT11K-A12 Datasheet(HTML) 3 Page - Hirose Electric

  HSC-AT11K-A12 Datasheet HTML 1Page - Hirose Electric HSC-AT11K-A12 Datasheet HTML 2Page - Hirose Electric HSC-AT11K-A12 Datasheet HTML 3Page - Hirose Electric HSC-AT11K-A12 Datasheet HTML 4Page - Hirose Electric HSC-AT11K-A12 Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
75
qHigh Power SC-Type Fixed Attenuator (Max. input power: 250mW)
Serial No.
35.5
9.4
Part Number
CL No.
Attenuation
Attenuation Tolerance
Return Loss
Wavelength
Split Sleeve
Fiber type
HSC-AT11K-A00
HSC-AT11K-A01
HSC-AT11K-A02
HSC-AT11K-A03
HSC-AT11K-A04
HSC-AT11K-A05
HSC-AT11K-A06
HSC-AT11K-A07
HSC-AT11K-A08
HSC-AT11K-A09
HSC-AT11K-A10
HSC-AT11K-A11
HSC-AT11K-A12
HSC-AT11K-A13
HSC-AT11K-A14
HSC-AT11K-A15
HSC-AT11K-A16
HSC-AT11K-A20
HSC-AT11K-A25
HSC-AT11K-A30
820-6001-6
820-6002-9
820-6003-1
820-6004-4
820-6005-7
820-6006-0
820-6007-2
820-6013-5
820-6014-8
820-6015-0
820-6008-5
820-6016-3
820-6017-6
820-6018-9
820-6019-1
820-6009-8
820-6020-0
820-6010-7
820-6011-0
820-6012-2
00dB
01dB
02dB
03dB
04dB
05dB
06dB
07dB
08dB
09dB
10dB
11dB
12dB
13dB
14dB
15dB
16dB
20dB
25dB
30dB
+0.4dB
±0.5dB
±0.5dB
±0.6dB
±0.6dB
±0.6dB
±0.6dB
±0.7dB
±0.8dB
±0.9dB
±1.0dB
±1.1dB
±1.2dB
±1.3dB
±1.4dB
±1.5dB
±1.5dB
±1.5dB
±1.5dB
±2.5dB
≥40dB
1310nm
1550nm
Zirconia
SM


Similar Part No. - HSC-AT11K-A12

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HSC-AT11K-A12 HIROSE-HSC-AT11K-A12 Datasheet
121Kb / 5P
   SC Type Fixed Attenuators (for single mode)
More results

Similar Description - HSC-AT11K-A12

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HSC-AT11CS-A01 HIROSE-HSC-AT11CS-A01 Datasheet
163Kb / 2P
   SC-Type Optical Fixed Attenuators
HSC-AT5 HIROSE-HSC-AT5 Datasheet
86Kb / 2P
   SC Type Fixed Attenuators(for multimode)
HSC-AT11 HIROSE-HSC-AT11 Datasheet
121Kb / 5P
   SC Type Fixed Attenuators (for single mode)
AT-103 HIROSE-AT-103 Datasheet
64Kb / 3P
   Fixed Attenuators (SMA Type)
HRFC-AT11K-A01 HIROSE-HRFC-AT11K-A01 Datasheet
77Kb / 3P
   FC Type Fixed Attenuators
AT-2600 HIROSE-AT-2600 Datasheet
125Kb / 1P
   Waterproof Fixed Attenuators (N Type)
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com