Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMUA-10SR-4I Datasheet(PDF) 2 Page - Hirose Electric

Part # HMUA-10SR-4I
Description  MU Type Fiber Optic Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HMUA-10SR-4I Datasheet(HTML) 2 Page - Hirose Electric

  HMUA-10SR-4I Datasheet HTML 1Page - Hirose Electric HMUA-10SR-4I Datasheet HTML 2Page - Hirose Electric HMUA-10SR-4I Datasheet HTML 3Page - Hirose Electric HMUA-10SR-4I Datasheet HTML 4Page - Hirose Electric HMUA-10SR-4I Datasheet HTML 5Page - Hirose Electric HMUA-10SR-4I Datasheet HTML 6Page - Hirose Electric HMUA-10SR-4I Datasheet HTML 7Page - Hirose Electric HMUA-10SR-4I Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Part
Material
Simplex plug housing
Synthetic resin
Spring
Steel
Ferrule
Zirconia
Simplex adapter housing
Synthetic resin
Adapter metal fittings
Stainless steel or copper alloy (Nickel plating)
Simplified receptacle housing
Synthetic resin
Simplified plug
Zirconia
Backplane connector housing
Synthetic resin
Split sleeve
Zirconia or copper alloy
Dust cap
Synthetic resin
6
sProduct Specifications
Ratings
Operating temperature range
-25°C to +70°C
SM
MM(GI)
Storage temperature range
-25°C to +70°C
sMaterials
Item
Test Method (IEC 61300/JIS C 5961)
Specifications
Insertion Loss
Wavelength 1310nm (LD)
0.5dB max. (AdPC)
Wavelength 1310nm (LED)
0.3dB max. (AdPC)
Return Loss
Wavelength 1310nm (LD)
40dB min. (AdPC)
Engagement and
Separation forces
Ferrule with drawal force
Extract zirconia gauge 1.249 ±0.0005 mm diameter
Copper alloy split sleeve
1N to 3N
from split sleeve.
Zirconia split sleeve
1N to 2.5N
Cable retention
1) Insertion loss fluctuation after test: 0.2dB max.
(Straight pull)
2) No visible damage, dislocation of clamp or cable.
Durability
200 times (Backplane)
(cycles, mating/unmating)
500 times (Plug)
Vibration
Shock
Humidity
-10°C to 65°C, humidity: 90% to 96%
(Temperature/ humidity- cycles)
10 cycles
Change of Temprature
-25°C to +70°C 100 cycles
Dry heat
960 hours at 85°C
Cold
960 hours at -25°C
Salt mist
48 hours in a 5% concentration of salt mist
No significant corrosion.
Measured with corresponding connector.
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
2 hours in each of the 3 axis.
70N tensile loads for one minute.
Acceleration of 981 m/s2, 6 ms duration,
sin half-wave waveform, 10 cycles in each of the 3 axis.
Simplex plug Engagement force: 20 N max.
Separation force: 20 N max.
Duplex plug
Engagement force: 30 N max.
Separation force: 30 N max.
1) Insertion loss fluctuation after test: 0.2dB max.
2) No visible damage, cracks or part dislocation.
SM
MM(GI)


Similar Part No. - HMUA-10SR-4I

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HMUA-TM-P2 HIROSE-HMUA-TM-P2 Datasheet
154Kb / 4P
   Optical Terminators
More results

Similar Description - HMUA-10SR-4I

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HMU HIROSE-HMU Datasheet
787Kb / 22P
   MU Type Fiber Optic Connectors
HRFC-P8-H2 HIROSE-HRFC-P8-H2 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
   SC Type Fiber Optic Connectors
HSC HIROSE-HSC Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
SOURIAU-SUNBANK Connect...
ARINC801 SOURIAU-ARINC801 Datasheet
2Mb / 6P
   ARINC 801 Fiber Optic Connectors
logo
Hirose Electric
MF14B-WRF01-0200 HIROSE-MF14B-WRF01-0200 Datasheet
356Kb / 9P
   Harsh Environment Fiber Optic Connectors
logo
ITT Industries
FOMC ITT-FOMC Datasheet
354Kb / 5P
   Fiber Optic Multi-Channel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com