Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1345978 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1345978
Description  24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1345978 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1345978 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1345978 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1345978 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Min. Bend Radius (Install)/Minor Axis:
82.550 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMG
CEC/C(UL) Specification:
CMG
AWM Specification:
UL Style 2464 (300 V 80°C)
CSA Specification:
AWM I A
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
C(UL) Flame Test:
FT4
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
75
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
98.43
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
164.05
Nominal Velocity of Propagation:
VP (%)
60
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
78.744
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
54.1365
Max. Operating Voltage - UL:
Voltage
300 V RMS (UL AWM Style 2464)
Max. Recommended Current:
Current
1.1 Amps per conductor @ 25°C
Related Documents:
No related documents are available for this product
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9508 Multi-Conductor - Computer Cable for EIA RS-232 Applications


Similar Part No. - 1345978

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345973 ETC2-1345973 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1345979 ETC2-1345979 Datasheet
100Kb / 3P
   19 AWG Solid .034 silver-coated copper conductor, polyethylene insulation
More results

Similar Description - 1345978

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31379 ETC2-31379 Datasheet
29Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1344190 ETC2-1344190 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1344844 ETC2-1344844 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1346703 ETC2-1346703 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1345955 ETC2-1345955 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1344179 ETC2-1344179 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1346980 ETC2-1346980 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1344904 ETC2-1344904 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1346233 ETC2-1346233 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1345178 ETC2-1345178 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com