Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1345973 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1345973
Description  Stranded silver-coated copper conductor insulation with extruded TFE Teflon
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1345973 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1345973 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1345973 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
83008 0011000
305 MT
2.722 KG
BROWN
S W
#20 STR TFE BRN
83008 002100
30 MT
0.181 KG
RED
#20 STR TFE RED
83008 0021000
305 MT
2.722 KG
RED
S W
#20 STR TFE RED
83008 003100
30 MT
0.181 KG
ORANGE
#20 STR TFE ORG
83008 0031000
305 MT
2.722 KG
ORANGE
S W
#20 STR TFE ORG
83008 004100
30 MT
0.181 KG
YELLOW
#20 STR TFE YEL
83008 0041000
305 MT
2.722 KG
YELLOW
S W
#20 STR TFE YEL
83008 005100
30 MT
0.181 KG
GREEN, DARK
#20 STR TFE GRNDK
83008 0051000
305 MT
2.722 KG
GREEN, DARK
S W
#20 STR TFE GRNDK
83008 006100
30 MT
0.181 KG
BLUE, LIGHT
#20 STR TFE BLULT
83008 0061000
305 MT
2.722 KG
BLUE, LIGHT
S W
#20 STR TFE BLULT
83008 0071000
305 MT
2.722 KG
VIOLET
S W
#20 STR TFE VIO
83008 0081000
305 MT
2.722 KG
GRAY
S W
#20 STR TFE GRY
83008 009100
30 MT
0.181 KG
WHITE
#20 STR TFE WHT
83008 0091000
305 MT
2.722 KG
WHITE
S W
#20 STR TFE WHT
83008 010100
30 MT
0.181 KG
BLACK
#20 STR TFE BLK
83008 0101000
305 MT
2.722 KG
BLACK
S W
#20 STR TFE BLK
Notes:
S = STRIPING ADDERS FOR TYPES E AND EE: 123 STRIPES. MINIMUM ORDER10
W = MAY CONTAIN MORE THAN 1 PIECE. MINIMUM LENGTH OF ANY ONE PIECE IS 75'
Revision Number: 1
Revision Date: 05-14-2007
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 2 of 2
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
83008 Hook-up/Lead - UL AWM Style 1213


Similar Part No. - 1345973

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345978 ETC2-1345978 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1345979 ETC2-1345979 Datasheet
100Kb / 3P
   19 AWG Solid .034 silver-coated copper conductor, polyethylene insulation
More results

Similar Description - 1345973

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345870 ETC2-1345870 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon.
1682729 ETC2-1682729 Datasheet
98Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1748282 ETC2-1748282 Datasheet
100Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon.
1344547 ETC2-1344547 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1344848 ETC2-1344848 Datasheet
96Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1748283 ETC2-1748283 Datasheet
99Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1344178 ETC2-1344178 Datasheet
97Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1344187 ETC2-1344187 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1344188 ETC2-1344188 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon.
1344177 ETC2-1344177 Datasheet
96Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com