Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR31-5.08P-5PD Datasheet(PDF) 5 Page - Hirose Electric

Part # HR31-5.08P-5PD
Description  Interface Connectors for Factory Automation Network
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR31-5.08P-5PD Datasheet(HTML) 5 Page - Hirose Electric

  HR31-5.08P-5PD Datasheet HTML 1Page - Hirose Electric HR31-5.08P-5PD Datasheet HTML 2Page - Hirose Electric HR31-5.08P-5PD Datasheet HTML 3Page - Hirose Electric HR31-5.08P-5PD Datasheet HTML 4Page - Hirose Electric HR31-5.08P-5PD Datasheet HTML 5Page - Hirose Electric HR31-5.08P-5PD Datasheet HTML 6Page - Hirose Electric HR31-5.08P-5PD Datasheet HTML 7Page - Hirose Electric HR31-5.08P-5PD Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
s Receptacle (Straight through hole type with screw lock)
HR31-5.08R-5PD
Connector mounting side B
4.3
12
3
35.5
12
4
5
3
Black
Green
Tin
Gold
Tin
Gold
With
Without
With
Without
131-0003-5-71
131-0003-5-72
131-0003-5-73
131-0003-5-74
131-0003-5-75
131-0003-5-76
4g
HR31-5.08R-5PD(71)
HR31-5.08R-5PD(72)
HR31-5.08R-5PD(73)
HR31-5.08R-5PD(74)
HR31-5.08R-5PD(75)
HR31-5.08R-5PD(76)
Part No.
CL No.
Weight
Color
Contact plating
Board retention pin
Receptacle (Straight through hole type without screw lock)
HR31-5.08RA-5PD
Connector mounting side B
27.4
3
4.3
12
12
4
5
3
131-0016-7-71
131-0016-7-72
131-0016-7-73
131-0016-7-74
131-0016-7-75
131-0016-7-76
2g
HR31-5.08RA-5PD(71)
HR31-5.08RA-5PD(72)
HR31-5.08RA-5PD(73)
HR31-5.08RA-5PD(74)
HR31-5.08RA-5PD(75)
HR31-5.08RA-5PD(76)
Part No.
CL No.
Weight
BPCB mounting pattern
q With screw lock
q Without screw lock
Black
Green
Tin
Gold
Tin
Gold
With
Without
With
Without
Color
Contact plating
Board retention pin
Note: Dia. 2.3 through hole is not required on the board when using connectors without the retention pin.
5-
Ø1.6
+0.1
0
(Through
hole)
15.24±0.05
15.24±0.05
5.08±0.05
10.16±0.05
10.16±0.05
5.08±0.05
Connector mounting side B
2-
Ø2.3
+0.1
0
(Through
hole)
(Note)
(Board thickness =1.6)
2-
Ø2.3
+0.1
0
(Through
hole)
12.6±0.05 12.6±0.05
5.08±0.05
10.16±0.05
10.16±0.05
5.08±0.05
Connector mounting side B
5-
Ø1.6
+0.1
0
(Through
hole)
(Note)
(Board thickness =1.6)


Similar Part No. - HR31-5.08P-5PD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR31-5.08P-5PD HIROSE-HR31-5.08P-5PD Datasheet
265Kb / 7P
   Interface Connectors for Factory Automation Network
HR31-5.08P-5PDL HIROSE-HR31-5.08P-5PDL Datasheet
265Kb / 7P
   Interface Connectors for Factory Automation Network
More results

Similar Description - HR31-5.08P-5PD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR31 HIROSE-HR31 Datasheet
242Kb / 6P
   Interface Connectors for Factory Automation Network
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC_1 Datasheet
265Kb / 7P
   Interface Connectors for Factory Automation Network
logo
Toshiba Semiconductor
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
   Plasma display panel High Speed Interface Factory Automation
TLP716 TOSHIBA-TLP716_07 Datasheet
215Kb / 6P
   Plasma display panel High Speed Interface Factory Automation
logo
Silicon Laboratories
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
   Industrial and factory automation
logo
Toshiba Semiconductor
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
   PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
logo
Amphenol Corporation
P29045 AMPHENOL-P29045 Datasheet
14Mb / 28P
   FACTORY AUTOMATION POWER AND CONTROL MEDIA
logo
Lumberg
ASBSM4-LED3 LUMBERG-ASBSM4-LED3 Datasheet
8Mb / 178P
   Connectors & Components for Automation Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com