Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN7751 Datasheet(PDF) 2 Page - Mallory performance club

Part # PN7751
Description  MSD Manual Launch Control
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN7751 Datasheet(HTML) 2 Page - Mallory performance club

  PN7751 Datasheet HTML 1Page - Mallory performance club PN7751 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
© 2013 MSD LLC
FRM30436
Revised 12/13
Printed in U.S.A.
RED - 12V SW OUT
BLACK - BATTERY (-)
ORANGE - BATTERY 12V
WHITE - POINTS OUT
MAG PICKUP
CONNECTOR
LEGACY IGNITION
SWITCHED IGNITION 12V
GREEN - STEP 5
LT. GREEN - STEP 4
TAN - STEP 3
VIOLET - STEP 2
PINK - STEP 1
BLUE - LAUNCH
LT. BLUE - BURN OUT
BRN/WHITE - RPM/TIME SWITCH
WHITE - POINTS IN
GRAY - TACH
YELLOW - SHIFT LIGHT
V-NET
CABLE
LAUNCH RPM
4125
CAN-Bus
RESISTOR
REQUIRED
CAN-Bus HUB, PN 7740 REQUIRED
LEFT, RIGHT - SCROLL OPTION
PUSH IN - SELECT
UP, DOWN - EDIT
Figure 1 Wiring
SCREEN COLORS
WILL MATCH
THE LED ON THE
PN7730.
Limited Warranty
MSD warrants this product to be free from defects in material and workmanship under its intended normal use*,
when properly installed and purchased from an authorized MSD dealer, for a period of one year from the date of
the original purchase. This warranty is void for any products purchased through auction websites. If found to be
defective as mentioned above, it will be repaired or replaced at the option of MSD. Any item that is covered under
this warranty will be returned free of charge using Ground shipping methods.
This shall constitute the sole remedy of the purchaser and the sole liability of MSD. To the extent permitted by
law, the foregoing is exclusive and in lieu of all other warranties or representation whether expressed or implied,
including any implied warranty of merchantability or fitness. In no event shall MSD or its suppliers be liable for special
or consequential damages.
*Intended normal use means that this item is being used as was originally intended and for the original application
as sold by MSD. Any modifications to this item or if it is used on an application other than what MSD markets the
product, the warranty will be void. It is the sole responsibility of the customer to determine that this item will work for
the application they are intending. MSD will accept no liability for custom applications.
Service
In case of malfunction, this MSD component will be repaired free of charge according to the terms of the warranty.
When returning MSD components for warranty service,
Proof of Purchase must be supplied for verification. After
the warranty period has expired, repair service is based on a minimum and maximum fee.
All returns must have a Return Material Authorization (RMA) number issued to them before
being returned. To obtain an RMA number please contact MSD Customer Service at 1 (888) MSD-7859 or visit
our website at www.msdperformance.com/rma to automatically obtain a number and shipping information.
When returning the unit for repair, leave all wires at the length in which you have them installed. Be sure to include
a detailed account of any problems experienced, and what components and accessories are installed on the vehicle.
The repaired unit will be returned as soon as possible using Ground shipping methods (ground shipping is covered
by warranty). For more information, call MSD at (915) 855-7123. MSD technicians are available from 7:00 a.m. to
5:00 p.m. Monday - Friday (mountain time).


Similar Part No. - PN7751

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN7720 MALLORY-PN7720 Datasheet
595Kb / 8P
   MSD Power Grid 7 Ignition Control
PN7730 MALLORY-PN7730 Datasheet
1Mb / 16P
   MSD Power Grid System Controller
PN77303 MALLORY-PN77303 Datasheet
1Mb / 16P
   MSD Power Grid System Controller
PN7740 MALLORY-PN7740 Datasheet
160Kb / 2P
   MSD 4-Connector CAN-Bus Hub
PN77403 MALLORY-PN77403 Datasheet
160Kb / 2P
   MSD 4-Connector CAN-Bus Hub
More results

Similar Description - PN7751

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8735 MALLORY-8735 Datasheet
270Kb / 2P
   MSD Launch Control
PN8735 MALLORY-PN8735 Datasheet
270Kb / 2P
   MSD Launch Control
PN7551 MALLORY-PN7551 Datasheet
262Kb / 1P
   Manual Launch Control
PN4350 MALLORY-PN4350 Datasheet
763Kb / 4P
   MSD Powersports Launch Master
PN8733 MALLORY-PN8733 Datasheet
107Kb / 2P
   MSD 2-Step Launch Control for GM LS Series Engines
8733 MALLORY-8733 Datasheet
107Kb / 2P
   MSD 2-Step Launch Control for GM LS Series Engines
8731 MALLORY-8731 Datasheet
432Kb / 4P
   MSD 2-Step Launch Control for Ford 5.0L Mod Motors 2011
PN8731 MALLORY-PN8731 Datasheet
432Kb / 4P
   MSD 2-Step Launch Control for Ford 5.0L Mod Motors 2011
8734 MALLORY-8734 Datasheet
157Kb / 4P
   MSD 2-Step Launch Control for Ford 4.6L/5.4L Mod Motors 99-On
PN8734 MALLORY-PN8734 Datasheet
157Kb / 4P
   MSD 2-Step Launch Control for Ford 4.6L/5.4L Mod Motors 99-On
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com