Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIF6-032PA-1.27DSA Datasheet(PDF) 5 Page - Hirose Electric

Part # HIF6-032PA-1.27DSA
Description  1.27mm Pitch Two-Piece Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF6-032PA-1.27DSA Datasheet(HTML) 5 Page - Hirose Electric

  HIF6-032PA-1.27DSA Datasheet HTML 1Page - Hirose Electric HIF6-032PA-1.27DSA Datasheet HTML 2Page - Hirose Electric HIF6-032PA-1.27DSA Datasheet HTML 3Page - Hirose Electric HIF6-032PA-1.27DSA Datasheet HTML 4Page - Hirose Electric HIF6-032PA-1.27DSA Datasheet HTML 5Page - Hirose Electric HIF6-032PA-1.27DSA Datasheet HTML 6Page - Hirose Electric HIF6-032PA-1.27DSA Datasheet HTML 7Page - Hirose Electric HIF6-032PA-1.27DSA Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A120
sPin Header Right Angle Type with lock
BPCB mounting pattern
q Indicate
mark position.
Mating Side
Part Number
CL No.
Unit: mm
HIF6-020PA-1.27DS
HIF6-026PA-1.27DS
HIF6-032PA-1.27DS
HIF6-034PA-1.27DS
HIF6-040PA-1.27DS
HIF6-050PA-1.27DS
HIF6-052PA-1.27DS
HIF6-060PA-1.27DS
HIF6-068PA-1.27DS
HIF6-080PA-1.27DS
HIF6-100PA-1.27DS
630-0051-2
630-0052-5
630-0053-8
630-0054-0
630-0055-3
630-0056-6
630-0057-9
630-0058-1
630-0059-4
630-0060-3
630-0061-6
20
26
32
34
40
50
52
60
68
80
100
30.95
34.76
38.57
39.84
43.65
50.00
51.27
56.35
61.43
69.05
81.75
11.43
15.24
19.05
20.32
24.13
30.48
31.75
36.83
41.91
49.53
62.23
24.55
28.36
32.17
33.44
37.25
43.60
44.87
49.95
55.03
62.65
75.35
21.59
25.40
29.21
30.48
34.29
40.64
41.91
46.99
52.07
59.69
72.39
43.55
47.36
51.17
52.44
56.25
62.60
63.87
68.95
74.03
81.65
94.35
Number of Contacts
A
B
C
D
E
F
18.75
22.56
26.37
27.64
31.45
37.80
39.07
44.15
49.23
56.85
69.55
Note : Size F indicates the state where the lock is open.
Unit: mm
n =
Number of Contacts
2
Mating Side


Similar Part No. - HIF6-032PA-1.27DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF6-032PA-1.27DSA HIROSE-HIF6-032PA-1.27DSA Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
More results

Similar Description - HIF6-032PA-1.27DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF6A-20DA-1.27DSAL HIROSE-HIF6A-20DA-1.27DSAL_1 Datasheet
695Kb / 18P
   1.27mm Pitch Two-Piece Connector
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
FX2C-20S-1.27DSA HIROSE-FX2C-20S-1.27DSA Datasheet
821Kb / 31P
   1.27mm Pitch Multi-function Two Piece Connector
FX2 HIROSE-FX2 Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2-100P-1.27SV71 HIROSE-FX2-100P-1.27SV71 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2B-32SA-1.27R HIROSE-FX2B-32SA-1.27R Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
List of Unclassifed Man...
FX2B-68PA-127DS ETC-FX2B-68PA-127DS Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Hirose Electric
FX2C-020S-1.27DSA HIROSE-FX2C-020S-1.27DSA_1 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Harwin Plc
P13-0123 HARWIN-P13-0123 Datasheet
60Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com