Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML4751 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SML4751
Description  Glass Passivated Zener
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SML4751 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SML4751 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SML4751 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SML4728~SML4764A
Glass Passivated Zener
Features
For surface mounted applications
Low Zener impedance
Low regulation factor
Glass passivated chip
High reliability
High temperature soldering guaranteed
260
/10 s at terminals
Standard voltage tolerance is 10%,
suffix A ±5%
Component in accordance to
RoHS 2002/95/EC and WEEE 2002/96/EC
Mechanical Date
Case: JEDEC DO-214AC molded plastic
over passivated chip
Terminals: Solder plated, solderable per
MIL-STD-750 Method 2026
Polarity: types the band by laser
denotes the cathode
Applications
Voltage stabilization
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
P
TJ max
TSTG
Maximum Junction temperature
storage temperature range
power dissipation
VALUE
1.0
–55 to +150
UNIT
W
°C
150
°C


Similar Part No. - SML4751

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SML4751 GE-SML4751 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Shenzhen Luguang Electr...
SML4751 LUGUANG-SML4751 Datasheet
1Mb / 3P
   1.0W Zener Diodes
logo
Vishay Siliconix
SML4751 VISHAY-SML4751 Datasheet
135Kb / 5P
   Surface Mount Zener Diodes
Rev. 1.5, 03-Mar-04
logo
Shanghai Leiditech Elec...
SML4751 LEIDITECH-SML4751 Datasheet
506Kb / 4P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
logo
EIC discrete Semiconduc...
SML4751 EIC-SML4751 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SML4751

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SML4728 JUXING-SML4728 Datasheet
378Kb / 2P
   Glass Passivated Zener
DZL4728 JUXING-DZL4728 Datasheet
1Mb / 2P
   Glass Passivated Zener
logo
SHENZHEN YONGERJIA INDU...
1AZ3.3 WINNERJOIN-1AZ3.3 Datasheet
203Kb / 3P
   Glass Passivated Zener
logo
Guangdong Juxing Electr...
SML4728 JUXING-SML4728_09 Datasheet
667Kb / 2P
   Glass Passivated Zener
logo
General Semiconductor
Z4KE100 GE-Z4KE100 Datasheet
41Kb / 2P
   GLASS PASSIVATED ZENER
logo
Shenzhen Luguang Electr...
DZL4728 LUGUANG-DZL4728 Datasheet
998Kb / 2P
   Glass Passivated Zener
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
General Semiconductor
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
GLL4735 GE-GLL4735 Datasheet
37Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
SML4735 GE-SML4735 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com