Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN6013 Datasheet(PDF) 7 Page - Mallory performance club

Part # PN6013
Description  MSD 6-Hemi짰 Controller for Carbureted and EFI Hemi짰 Engines
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN6013 Datasheet(HTML) 7 Page - Mallory performance club

  PN6013 Datasheet HTML 1Page - Mallory performance club PN6013 Datasheet HTML 2Page - Mallory performance club PN6013 Datasheet HTML 3Page - Mallory performance club PN6013 Datasheet HTML 4Page - Mallory performance club PN6013 Datasheet HTML 5Page - Mallory performance club PN6013 Datasheet HTML 6Page - Mallory performance club PN6013 Datasheet HTML 7Page - Mallory performance club PN6013 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
INSTALLATION INSTRUCTIONS
7
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
REV LIMITS
The Controller allows you to program two rev limits; RevMax for an over-rev safety and RevLaunch
that provides a low limit for use as a launch, or two step limit.
RevLaunch
This is the low rpm limit that is designed to be used while staged at the starting
line. It is activated when the Blue wire is connected to 12 volts. When there is
no 12 volts on this wire, the RevMax Limit is active. It is adjustable in 100 rpm
increments from 2,000 - 12,500 rpm.
RevMax
Thisistheover-revrpmlimit.ItisactivewhentheBluewire(RevLaunch)is
notconnected
to 12 volts. It is adjustable in 100 rpm increments from 2,000 - 12,500 rpm.
STEP RETARD
A step retard will provide an adjustable amount of retard at a specific moment. This is ideal when
using nitrous oxide. The amount of retard is adjustable from 0° - 15° in 1° increments. The retard is
activated when the Pink wire is switched to 12 volts. Default is 10°.
TIMING SOURCE
This adjustment allows you to select a timing curve. The 6-Hemi lets you run a Built-In default curve
that can easily be modified by using the RPM Table chart. On engines using the factory EFI, you can
select OEM Advance to use the factory ECU’s timing map.
Built-In:
This is a general timing curve that is designed to work well with most stock
type engines. This chart is shown in the RPM Table and MAP Table charts.
These can easily be modified by clicking and dragging on the dots, or by
adding a dot (right click) and saving to the ignition (The built in timing curve
is designed for 91+ octane fuel).
OEM Advance: This selection is used with a factory EFI equipped engine. The 6-Hemi will use
the factory ECU’s timing curve. By using the OEM Timing Mod option below,
the entire timing curve will be advanced the amount you set. A negative value
retards the timing.
OEM TIMING MOD
This option is available only when running the factory ECU’s timing curve on EFI equipped engines
(Selected as OEM Advance or Retard). Here you set the total amount of advance or retard for the
factory timing curve (Negative value will retard the timing). The default is 0°.
OEMtimingMod: Adjustable from retard10° to advance 10°.
Caution: Too much advance can cause damage to engine!
IDLE TIMING CONTROL
When this feature is On, the timing will fluctuate during idle to improve the idle quality. This is only
used during the "Built-In" timing mode.
On:
Idle timing will vary to produce a more stable idle RPM.
Off:
Timing will be fixed, based on the timing tables.
WASTE SPARK OPTION
When this feature is On, each coil will fire every 360°. When turned Off, each coil will fire every 720°
of crankshaft rotation.
Harness:
When harness PN 88864 is used, waste spark is Off.
When harness PN 88863 is used, waste spark is On.
On:
Coil firing order = 1 and 6, 8 and 5, 4 and 7, 3 and 2.
Off:
Coil firing order = 1, 8, 4, 3, 6, 5, 7, 2.


Similar Part No. - PN6013

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PN6010 CENTRAL-PN6010 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Mallory performance clu...
PN6010 MALLORY-PN6010 Datasheet
381Kb / 8P
   MSD LS-1/LS-6 Controller for Carbureted and EFI Gen III Engines
PN6011 MALLORY-PN6011 Datasheet
374Kb / 8P
   MSD 6-Mod Controller for Carbureted and EFI Gen III Engines
PN6012 MALLORY-PN6012 Datasheet
467Kb / 8P
   MSD 6LS-2 Ignition Controller for Carbureted and EFI LS 2/LS 7 Engines
PN6014 MALLORY-PN6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
More results

Similar Description - PN6013

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
6013 MALLORY-6013 Datasheet
433Kb / 8P
   MSD 6-Hemi짰 Controller for Carbureted and EFI Hemi짰 Engines
6011 MALLORY-6011 Datasheet
374Kb / 8P
   MSD 6-Mod Controller for Carbureted and EFI Gen III Engines
PN6011 MALLORY-PN6011 Datasheet
374Kb / 8P
   MSD 6-Mod Controller for Carbureted and EFI Gen III Engines
PN6010 MALLORY-PN6010 Datasheet
381Kb / 8P
   MSD LS-1/LS-6 Controller for Carbureted and EFI Gen III Engines
PN8255 MALLORY-PN8255 Datasheet
67Kb / 1P
   BlasterTM Coils for HEMI짰 Engines
6010 MALLORY-6010 Datasheet
381Kb / 8P
   MSD LS-1/LS-6 Controller for Carbureted and EFI Gen III Engines
PN82553 MALLORY-PN82553 Datasheet
67Kb / 1P
   BlasterTM Coils for HEMI짰 Engines
825583 MALLORY-825583 Datasheet
67Kb / 1P
   BlasterTM Coils for HEMI짰 Engines
6012 MALLORY-6012 Datasheet
467Kb / 8P
   MSD 6LS-2 Ignition Controller for Carbureted and EFI LS 2/LS 7 Engines
PN6012 MALLORY-PN6012 Datasheet
467Kb / 8P
   MSD 6LS-2 Ignition Controller for Carbureted and EFI LS 2/LS 7 Engines
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com