Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRFC-AT11K-A01 Datasheet(PDF) 1 Page - Hirose Electric

Part # HRFC-AT11K-A01
Description  FC Type Fixed Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRFC-AT11K-A01 Datasheet(HTML) 1 Page - Hirose Electric

  HRFC-AT11K-A01 Datasheet HTML 1Page - Hirose Electric HRFC-AT11K-A01 Datasheet HTML 2Page - Hirose Electric HRFC-AT11K-A01 Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
77
FC Type Fixed Attenuators
sFeatures
1. Excellent operational gualities
2. Maxmum input power : 250mW
3. Please contact us if you have any requests. Hirose will offer excellent solutions to meet
your reguirements
Important Notice
Plug key width : 2.1mm
Adapter key width :2.2mm
sApplications
Power level adjustment of optical fiber communication networks.


Similar Part No. - HRFC-AT11K-A01

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRFC-A2-SF HIROSE-HRFC-A2-SF Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
HRFC-A2-SF-D1 HIROSE-HRFC-A2-SF-D1 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
HRFC-A2-SF-D1 HIROSE-HRFC-A2-SF-D1 Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
HRFC-A2-SF01 HIROSE-HRFC-A2-SF01 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
More results

Similar Description - HRFC-AT11K-A01

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-103 HIROSE-AT-103 Datasheet
64Kb / 3P
   Fixed Attenuators (SMA Type)
HSC-AT11K-A00 HIROSE-HSC-AT11K-A00 Datasheet
226Kb / 5P
   SC Type Fixed Attenuators
HSC-AT11CS-A01 HIROSE-HSC-AT11CS-A01 Datasheet
163Kb / 2P
   SC-Type Optical Fixed Attenuators
AT-2600 HIROSE-AT-2600 Datasheet
125Kb / 1P
   Waterproof Fixed Attenuators (N Type)
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
   FIXED ATTENUATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com