Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT5-1P-DSE Datasheet(PDF) 8 Page - Hirose Electric

Part # GT5-1P-DSE
Description  Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-1P-DSE Datasheet(HTML) 8 Page - Hirose Electric

Back Button GT5-1P-DSE Datasheet HTML 2Page - Hirose Electric GT5-1P-DSE Datasheet HTML 3Page - Hirose Electric GT5-1P-DSE Datasheet HTML 4Page - Hirose Electric GT5-1P-DSE Datasheet HTML 5Page - Hirose Electric GT5-1P-DSE Datasheet HTML 6Page - Hirose Electric GT5-1P-DSE Datasheet HTML 7Page - Hirose Electric GT5-1P-DSE Datasheet HTML 8Page - Hirose Electric GT5-1P-DSE Datasheet HTML 9Page - Hirose Electric GT5-1P-DSE Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Connector assembly, Printed
Circuit Board Mounting Type
Figure q
Figure w
Figure e
GT5-1P-DS
GT5-1P-DS(A)
GT5-1P-DS(B)
GT5-1P-DS(C)
GT5-1P-DS(D)
GT5-1P-DS(E)
GT5-1P-DS( I )
GT5-1P-DS(J)
GT5-1P-DS(K)
755-0007-5
755-0041-3
755-0042-6
755-0083-3
755-0084-6
755-0085-9
Note 2
Note 2
Note 2
Figure q
Figure w
Figure e
Figure r
Figure t
Figure y
Figure u
Figure i
Figure o
GT5-1P-DS
GT5-1P-DS(A)
GT5-1P-DS(B)
GT5-1P-DS(C)
GT5-1P-DS(D)
GT5-1P-DS(E)
GT5-1P-DS( I )
GT5-1P-DS(J)
GT5-1P-DS(K)
GT5-1S-HU
GT5-1S-HU(A)
GT5-1S-HU(B)
GT5-1S-HU(C)
GT5-1S-HU(D)
GT5-1S-HU(E)
GT5-1S-HU( I )
GT5-1S-HU(J)
GT5-1S-HU(K)
Part Number
CL No.
Color
Key polarizing
code
M Connector-Board Type
Corresponding F Connector
Housing
Note1: Use mounting screws of M3 with nominal diameter 3L-6 (for a board thickness of 1.6 mm).
Note2: concept only
Light Gray
Brown
Green
Blue
Purple
Pink
Black
Cream white
Pastel orange
Part
Housing
0.65 x 1.1 Terminals
Insulator
Outer terminals
Material
PBT
Brass
PBT
Phosphor bronze
Finish
-
Tin plating
Dark gray
Tin plating
BRecommended PCB Mounting Pattern
For outer conductor
For inner conductor
Outlines
BDiagram of Mated Connector in Use
Figure r
Figure t
Figure y
Figure u
Figure i
Figure o
34


Similar Part No. - GT5-1P-DSE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT5-1P-DS HIROSE-GT5-1P-DS Datasheet
1Mb / 22P
   USCAR specified connector as SAE/USCAR-19
More results

Similar Description - GT5-1P-DSE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT10A-2022SCF HIROSE-GT10A-2022SCF Datasheet
409Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT11-2S-5.2C HIROSE-GT11-2S-5.2C Datasheet
416Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT16-2428SCF HIROSE-GT16-2428SCF Datasheet
224Kb / 9P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT1-1S-2428 HIROSE-GT1-1S-2428 Datasheet
501Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT14-1.3PT HIROSE-GT14-1.3PT Datasheet
121Kb / 6P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
logo
List of Unclassifed Man...
URM76NH ETC2-URM76NH Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM70NH ETC2-URM70NH Datasheet
48Kb / 2P
   Coaxial communication cable based on BS2316
URM7600100 ETC2-URM7600100 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM70 ETC2-URM70 Datasheet
48Kb / 2P
   Coaxial communication cable based on BS2316
URM43 ETC2-URM43 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com