Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42VS16100E-75BL Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS42VS16100E-75BL
Description  2048 refresh cycles every 32 ms
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VS16100E-75BL Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS42VS16100E-75BL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
IS42VS16100E
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. 00E
01/21/2011
DCELECTRICALCHARACTERISTICS(RecommendedOperationConditionsunlessotherwisenoted.)
Continuedonnextpage.
Symbol Parameter
TestCondition
Min.
Max.
Unit
iil
InputLeakageCurrent
0V≤Vin≤VDD,withpinsotherthan
–1.0
1.0
µA
thetestedpinat0V
iOl
OutputLeakageCurrent
Outputisdisabled,0V≤VOut≤VDD
–1.5
1.5
µA
VOh
OutputHighVoltageLevel(1)
iOh=–0.1mA
0.9xVDDq
V
VOl
OutputLowVoltageLevel(1)
iOl=0.1mA
0.2
V
DCELECTRICALCHARACTERISTICS(4)(RecommendedOperationConditionsunlessotherwisenoted.)
Symbol Parameter
TestCondition
Speed Min.
Max.
Unit
icc1
OperatingCurrent(1,2)
OneBankOperation, CASLatency=3
-7.5
45
mA
BurstLength=1
-10
35
mA
trc≥trc(min.)
CAS
Latency=2
-7.5
50
mA
IOut=0mA
-10
40
icc2p
PrechargeStandbyCurrentCKE≤Vil(max)
tck=10ns
0.3
mA
(InPower-DownMode)
Icc2ps
PrechargeStandbyCurrent CKE≤Vil(max)
tck = ∞
0.3
mA
(InPower-DownMode)
CLK≤Vil(max)
icc2n
ActiveStandbyCurrent(3) CKE≥Vih(min)
tck=10ns
6
mA
(InNonPower-DownMode)
CS
≥Vih(min),
Icc2ns
ActiveStandbyCurrent
CKE≥Vih(min)
tck = ∞
2
mA
(InNonPower-DownMode)
Inputsarestable
icc3P
ActiveStandbyCurrent
CKE≤Vil(max)
tck=10ns
6
mA
(InNonPower-DownMode)
Icc3Ps
ActiveStandbyCurrent
CKE≤Vil(max)
tck = ∞
5
mA
(InNonPower-DownMode)
CLK≤Vil(max)
icc3n
ActiveStandbyCurrent(3) CKE≥Vih(min)
tck=10ns
12
mA
(InNonPower-DownMode)
CS
≥Vih(min)
Icc3ns
ActiveStandbyCurrent
CKE≥Vih(min)
tck = ∞
10
mA
(InNonPower-DownMode)
CLK≤Vil(max)
Inputsarestable
icc4
OperatingCurrent
tck=tck(min)
CAS
latency=2,3
-7.5
60
mA
(InBurstMode)(1,3)
IOut =0mA
-10
50
mA
PageBurst
BothBanksactivated
icc5
Auto-RefreshCurrent
trc=trc (min)
CAS
latency=2,3
-7.5
40
mA
-10
40
mA
icc6
Self-RefreshCurrent
CKE≤0.2V
180
µA
icc7
DeepPowerDownCurrent CKE≤0.2V
10
µA
Notes:
1.Thesearethevaluesattheminimumcycletime.Sincethecurrentsaretransient,thesevaluesdecreaseasthecycletimein-
creases.Alsonotethatabypasscapacitorofatleast0.01µFshouldbeinsertedbetweenVDD andVssforeachmemorychip
tosuppresspowersupplyvoltagenoise(voltagedrops)duetothesetransientcurrents.
2.Icc1andIcc4dependontheoutputload.ThemaximumvaluesforIcc1andIcc4areobtainedwiththeoutputopenstate.
3.Inputschangedonceeverytwoclocks.
4.Notallparametersaretestedatthewaferlevel,buttheparametershavebeenpreviouslycharacterized.


Similar Part No. - IS42VS16100E-75BL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10T ISSI-IS42VS16100C1-10T Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10TI ISSI-IS42VS16100C1-10TI Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10TL ISSI-IS42VS16100C1-10TL Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10TLI ISSI-IS42VS16100C1-10TLI Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42VS16100E-75BL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42R86400F ISSI-IS42R86400F Datasheet
1Mb / 68P
   8K refresh cycles every 64 ms
logo
Agere Systems
TTSI2K32T AGERE-TTSI2K32T Datasheet
1Mb / 66P
   2048-Channel, 32-Highway Time-Slot Interchanger
logo
List of Unclassifed Man...
9605R1.7KL2.0 ETC2-9605R1.7KL2.0 Datasheet
203Kb / 1P
   1,000,000 Full Cycles; 5,000,000 Dither Cycles
751-008 ETC2-751-008 Datasheet
10Mb / 64P
   Every edding a specialist
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Alliance Semiconductor ...
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com