Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF19G-8S-1SD Datasheet(PDF) 3 Page - Hirose Electric

Part # DF19G-8S-1SD
Description  1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19G-8S-1SD Datasheet(HTML) 3 Page - Hirose Electric

  DF19G-8S-1SD Datasheet HTML 1Page - Hirose Electric DF19G-8S-1SD Datasheet HTML 2Page - Hirose Electric DF19G-8S-1SD Datasheet HTML 3Page - Hirose Electric DF19G-8S-1SD Datasheet HTML 4Page - Hirose Electric DF19G-8S-1SD Datasheet HTML 5Page - Hirose Electric DF19G-8S-1SD Datasheet HTML 6Page - Hirose Electric DF19G-8S-1SD Datasheet HTML 7Page - Hirose Electric DF19G-8S-1SD Datasheet HTML 8Page - Hirose Electric DF19G-8S-1SD Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
sPart Number Construction
DF 19 # -
*
* P - 1 H
1
4
5
6
2
3
7
DF 19 # -
*
* S - 1 F - GND
1
4
5
6
2
3
7
8
Series Name : DF
Profile :
sPin header
G
: On-board type (1.65 mm from the board)
K
: Offset type (1.0 mm from the board)
L
: Offset type (1.1 mm from the board)
KR : Reverse offset type of DF19K
(1.0 mm from the board)
sCrimp socket
None : Without grounding shell
G
: With grounding shell (protected for EMI)
sFPC socket
G
: Specification for connection with ground
shell
sGround plate for FPC
G
: Specification for connection with ground
shell
sSocket for coaxial fine cables
G
: Specification for connection with ground shell
sGround plate for fine coaxial cables
G
: Specification for connection with ground shell
1
Number of contacts : 8,14,20,30... (Note 1)
2
3
4
Series No.
: 19
5 Connector type
S : Single row socket
P : Single row pin header
Contact pitch : 1mm
Wiring type / terminal profile
H
: Right angle SMT
C
: Crimp socket
F
: FPC socket
SD : Socket for fine coaxial cables
Part for installation
GND : Ground plate (Note 2)
(Note 1) Be careful, as the number of contacts differ depending on the profile.
(Note 2) The FPC and coaxial fine cable types always use a ground plate.
Symbol
2830 : AWG#28~30
3032 : AWG#30~32
Type
SCF : Socket contact reel Packaging
Plating
A : Gold plating
Specification
None : 10 000 pieces per reel
41
: 20 000 pieces per reel
The type name DF19 represents a specific product specification.
To order a product, specify the type from pages 4 to 9.
qConnector
DF19 - 2830 SCF A (
*
* *
*)
3
3
1
1
2
2
4
qTerminal
6
7
8
4


Similar Part No. - DF19G-8S-1SD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19G-8S-1SD HIROSE-DF19G-8S-1SD Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19G-8S-1SDGND HIROSE-DF19G-8S-1SDGND Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
More results

Similar Description - DF19G-8S-1SD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
logo
Japan Aviation Electron...
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
   Fine-wire Coaxial Connector For Compact Mobile Devices
logo
Samtec, Inc
PMSD SAMTEC-PMSD Datasheet
257Kb / 1P
   (4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Samtec, Inc
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
   (0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com